Electronic Components Datasheet Search
  English  ▼

X  

MMRF1012N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF1012N
Description  RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1012N Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF1012N Datasheet HTML 1Page - NXP Semiconductors MMRF1012N Datasheet HTML 2Page - NXP Semiconductors MMRF1012N Datasheet HTML 3Page - NXP Semiconductors MMRF1012N Datasheet HTML 4Page - NXP Semiconductors MMRF1012N Datasheet HTML 5Page - NXP Semiconductors MMRF1012N Datasheet HTML 6Page - NXP Semiconductors MMRF1012N Datasheet HTML 7Page - NXP Semiconductors MMRF1012N Datasheet HTML 8Page - NXP Semiconductors MMRF1012N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MMRF1012NR1
5
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
50
0.1
100
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain--Source Voltage
30
Ciss
0.1
100
1
TC =25C
10
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 5. DC Safe Operating Area
40
0.35
0
DRAIN VOLTAGE (VOLTS)
20
120
Figure 6. DC Drain Current versus Drain Voltage
60
18
25
IDQ =45 mA
0.1
23
22
21
Pout, OUTPUT POWER (WATTS) CW
Figure 7. CW Power Gain versus Output Power
VDD =50 Vdc
f1 = 220 MHz
10
1
40
100
24
VGS =3 V
Coss
Crss
80
100
2.75 V
2.63 V
2.5 V
2.25 V
20
10
38 mA
--55
--20
1
Pout, OUTPUT POWER (WATTS) PEP
--25
--30
--35
--40
10
20
Figure 8. Third Order Intermodulation Distortion
versus Output Power
VDD =50 Vdc
f1 = 220 MHz, f2 = 220.1 MHz
Two--Tone Measurements
100 kHz Tone Spacing
--45
--50
23
37
47
13
17
15
45
43
41
39
Pin, INPUT POWER (dBm)
Figure 9. CW Output Power versus Input Power
19
21
P3dB = 40.87 dBm (12.2 W)
Actual
Ideal
P1dB = 40.43 dBm (11.04 W)
VDD =50 Vdc,IDQ =30 mA
f = 220 MHz
1
200
0.3
0.25
0.2
0.15
0.1
0.05
0
120
19
30 mA
23 mA
15 mA
IDQ =45 mA
38 mA
IDQ =60 mA
15 mA
23 mA
38 mA
45 mA
30 mA
Measured with 30 mV(rms)ac @ 1 MHz
VGS =0 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com