Electronic Components Datasheet Search
  English  ▼

X  

MMRF1012N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1012N
Description  RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1012N Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1012N Datasheet HTML 1Page - NXP Semiconductors MMRF1012N Datasheet HTML 2Page - NXP Semiconductors MMRF1012N Datasheet HTML 3Page - NXP Semiconductors MMRF1012N Datasheet HTML 4Page - NXP Semiconductors MMRF1012N Datasheet HTML 5Page - NXP Semiconductors MMRF1012N Datasheet HTML 6Page - NXP Semiconductors MMRF1012N Datasheet HTML 7Page - NXP Semiconductors MMRF1012N Datasheet HTML 8Page - NXP Semiconductors MMRF1012N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MMRF1012NR1
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistor
N--Channel Enhancement--Mode Lateral MOSFET
Designed primarily for CW large--signal output and driver applications with
frequencies up to 450 MHz. Device is unmatched and is suitable for use in
aerospace and defense applications.
 Typical CW Performance at 220 MHz: VDD =50 Vdc,IDQ =30 mA,
Pout =10 W
Power Gain — 23.9 dB
Drain Efficiency — 62%
 Capable of Handling 10:1 VSWR @ 50 Vdc, 220 MHz, 10 W CW
Output Power
Features
 Characterized with Series Equivalent Large--Signal Impedance Parameters
 Qualified Up to a Maximum of 50 VDD Operation
 Integrated ESD Protection
 225C Capable Plastic Package
 In Tape and Reel. R1 Suffix = 500 Units, 24 mm Tape Width, 13--inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +120
Vdc
Gate--Source Voltage
VGS
--0.5, +10
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
C
Case Operating Temperature
TC
150
C
Operating Junction Temperature (1,2)
TJ
225
C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 81C, 10 W CW
RJC
3.0
C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access
MTTF calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MMRF1012N
Rev. 0, 7/2014
Freescale Semiconductor
Technical Data
10--450 MHz, 10 W, 50 V
BROADBAND
RF POWER MOSFET
MMRF1012NR1
TO--270--2
PLASTIC
Note: Exposed backside of the package is
the source terminal for the transistor.
(Top View)
Drain
21
Figure 1. Pin Connections
Gate
 Freescale Semiconductor, Inc., 2014. All rights reserved.


Similar Part No. - MMRF1012N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1011H NXP-MMRF1011H Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1011HR5 NXP-MMRF1011HR5 Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1011HSR5 NXP-MMRF1011HSR5 Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1013H NXP-MMRF1013H Datasheet
896Kb / 16P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1013HR5 NXP-MMRF1013HR5 Datasheet
896Kb / 16P
RF Power LDMOS Transistors
Rev. 0, 7/2014
More results

Similar Description - MMRF1012N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
MHT1000H NXP-MHT1000H Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
A2V09H400-04S NXP-A2V09H400-04S Datasheet
221Kb / 10P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 02/2021
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
MMRF1016H NXP-MMRF1016H Datasheet
1Mb / 19P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
MMRF1019N NXP-MMRF1019N Datasheet
457Kb / 13P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
A2T14H450-23N NXP-A2T14H450-23N_V01 Datasheet
385Kb / 17P
RF Power LDMOS Transistor N−Channel Enhancement−Mode Lateral MOSFET
Rev. 1, 11/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com