Electronic Components Datasheet Search
  English  ▼

X  

ADP5070 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5070
Description  1.2 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5070 Datasheet HTML 3Page - Analog Devices ADP5070 Datasheet HTML 4Page - Analog Devices ADP5070 Datasheet HTML 5Page - Analog Devices ADP5070 Datasheet HTML 6Page - Analog Devices ADP5070 Datasheet HTML 7Page - Analog Devices ADP5070 Datasheet HTML 8Page - Analog Devices ADP5070 Datasheet HTML 9Page - Analog Devices ADP5070 Datasheet HTML 10Page - Analog Devices ADP5070 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
ADP5073
Rev. A | Page 7 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
Typical performance characteristics are generated using the standard bill of materials for each input/output combination listed in Table 9.
VOUT (V)
0
100
200
300
400
500
600
700
800
–40
–35
–30
–25
–20
–15
–10
–5
0
VIN = 3.3V, L = 5.6µH
VIN = 3.3V, L = 6.8µH
VIN = 5V, L = 6.8µH
VIN = 5V, L = 10µH
VIN = 12V, L = 15µH
VIN = 12V, L = 22µH
VIN = 15V, L = 15µH
Figure 3. Maximum Output Current, fSW = 1.2 MHz, TA = 25°C, Based on
Target of 70% ILIM(MIN)
VOUT (V)
0
100
200
300
400
500
600
–35
–30
–25
–20
–15
–10
–5
0
VIN = 3.3V, L = 2.2µH
VIN = 3.3V, L = 3.3µH
VIN = 5V, L = 3.3µH
VIN = 5V, L = 5.6µH
VIN = 12V, L = 6.8µH
VIN = 12V, L = 10µH
VIN = 15V, L = 6.8µH
Figure 4. Maximum Output Current, fSW = 2.4 MHz, TA = 25°C, Based on
Target of 70% ILIM(MIN)
IOUT (A)
0
10
20
30
40
50
60
70
80
0.001
0.01
0.1
1
10
VIN = 12V, 1.2MHz
VIN = 12V, 2.4MHz
Figure 5. Efficiency vs. Current Load (IOUT), VIN = 12 V, VOUT = −2.5 V, TA = 25°C
IOUT (A)
0
10
20
30
40
50
60
70
80
90
0.001
0.01
0.1
1
VIN = 12V, 1.2MHz
VIN = 12V, 2.4MHz
Figure 6. Efficiency vs. Current Load (IOUT), VIN = 12 V, VOUT = −5 V, TA = 25°C
IOUT (A)
0
10
20
30
40
50
60
70
80
90
0.001
0.01
0.1
1
VIN = 12V, 1.2MHz
VIN = 12V, 2.4MHz
VIN = 5V, 1.2MHz
VIN = 5V, 2.4MHz
Figure 7. Efficiency vs. Current Load (IOUT), VIN = 12 V and 5 V, VOUT = −15 V,
TA = 25°C
IOUT (A)
0
10
20
30
40
50
60
70
80
90
0.001
0.01
0.1
1
VIN = 5V, 1.2MHz
VIN = 5V, 2.4MHz
Figure 8. Efficiency vs. Current Load (IOUT), VIN = 5 V, VOUT = −30 V, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com