Electronic Components Datasheet Search
  English  ▼

X  

ADP5070 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5070
Description  1.2 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5070 Datasheet HTML 5Page - Analog Devices ADP5070 Datasheet HTML 6Page - Analog Devices ADP5070 Datasheet HTML 7Page - Analog Devices ADP5070 Datasheet HTML 8Page - Analog Devices ADP5070 Datasheet HTML 9Page - Analog Devices ADP5070 Datasheet HTML 10Page - Analog Devices ADP5070 Datasheet HTML 11Page - Analog Devices ADP5070 Datasheet HTML 12Page - Analog Devices ADP5070 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
ADP5073
Rev. A | Page 9 of 17
VIN (V)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
0
2
4
6
8
10
12
14
16
+125°C
+25°C
–40°C
Figure 15. Operating Quiescent Current (IQ) vs. Input Voltage (VIN) for Various
Temperatures, EN Pin On
CH1
5.00V
2
1
4
CH2 100mV
CH4 20.0mV
CH1 1.00V
2.50MS/s
100k POINTS
B
W
B
W
B
W
M 4.00ms
T 20.00%
VOUT
VFB
VIN
Figure 16. Line Transient Showing VIN, VOUT, and VFB, VIN = 4.5 V to 5.5 V Step,
VOUT = −5 V, RLOAD = 300 Ω, fSW = 1.2 MHz, TA = 25°C
CH3
40.0mA
2
3
4
CH3 10.0mA
CH4 5.00mV
CH2 50.0mV
2.50MS/s
100k POINTS
B
W
B
W
B
W
M 4.00ms
T
12.48ms
VOUT
VFB
ILOAD
Figure 17. Load Transient Showing ILOAD, VOUT, and VFB, VIN = 12 V, VOUT = −5 V,
ILOAD = 35 mA to 45 mA Step, fSW = 1.2 MHz, TA = 25°C
CH1
10.0V
1
3
2
CH2 500mV
CH3 100mA
CH1 5.00V
2.50GS/s
1M POINTS
B
W
M 4.00µs
T 63.60%
VSW
VOUT
IINDUCTOR
Figure 18. Skip Mode Operation Showing Inductor Current (IINDUCTOR), Switch
Node Voltage (VSW), and Output Ripple (VOUT), VIN = 12 V, VOUT = −5 V, ILOAD = 1 mA,
fSW = 1.2 MHz, TA = 25°C
VSW
VOUT
IINDUCTOR
CH1
7.00V
1
3
2
CH2 500mV
CH3 200mA
CH1 5.00V
2.50GS/s
1M points
B
W
M 200ns
T 37.70%
Figure 19. Discontinuous Conduction Mode Operation Showing Inductor
Current (IINDUCTOR), Switch Node Voltage (VSW), and Output Ripple (VOUT), VIN = 12 V,
VOUT = −5 V, ILOAD = 50 mA, fSW = 1.2 MHz, TA = 25°C
CH1
7.70V
1
3
2
CH2 500mV
CH3 200mA
CH1 5.00V
2.50GS/s
1M POINTS
B
W
B
W
M 200ns
VSW
VOUT
IINDUCTOR
T
–13.0020µs
Figure 20. Continuous Conduction Mode Operation Showing Inductor
Current (IINDUCTOR), Switch Node Voltage (VSW), and Output Ripple (VOUT),
VIN = 12 V, VOUT = −5 V, ILOAD = 200 mA, fSW = 1.2 MHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com