Electronic Components Datasheet Search
  English  ▼

X  

ADP5070 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5070
Description  1.2 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Datasheet(HTML) 1 Page - Analog Devices

  ADP5070 Datasheet HTML 1Page - Analog Devices ADP5070 Datasheet HTML 2Page - Analog Devices ADP5070 Datasheet HTML 3Page - Analog Devices ADP5070 Datasheet HTML 4Page - Analog Devices ADP5070 Datasheet HTML 5Page - Analog Devices ADP5070 Datasheet HTML 6Page - Analog Devices ADP5070 Datasheet HTML 7Page - Analog Devices ADP5070 Datasheet HTML 8Page - Analog Devices ADP5070 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.2 A, DC-to-DC Inverting Regulator
Data Sheet
ADP5073
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide input voltage range: 2.85 V to 15 V
Adjustable negative output to VIN − 39 V
Integrated 1.2 A main switch
1.2 MHz/2.4 MHz switching frequency with optional external
frequency synchronization from 1.0 MHz to 2.6 MHz
Resistor programmable soft start timer
Slew rate control for lower system noise
Precision enable control
Power-good output
UVLO, OCP, OVP, and TSD protection
3 mm × 3 mm, 16-lead LFCSP
−40°C to +125°C junction temperature
Supported by the ADIsimPower tool set
APPLICATIONS
Bipolar amplifiers, ADCs, digital-to-analog converters
(DACs), and multiplexers
High speed converters
Radio frequency (RF) power amplifier (PA) bias
Optical modules
TYPICAL APPLICATION CIRCUIT
RC
CC
VIN
L1
D1
RFB
CVREF
CVREG
RFT
ADP5073
COMP
VREG
SS
EN
GND
AVIN
PVIN
SLEW
SYNC/FREQ
FB
SW
VREF
VOUT
COUT
ON
OFF
PWRGD
PWRGD
CIN
RPG
Figure 1.
GENERAL DESCRIPTION
The ADP5073 is a high performance dc-to-dc inverting regulator
used to generate negative supply rails.
The input voltage range of 2.85 V to 15 V supports a wide variety of
applications. The integrated main switch enables the generation of
an adjustable negative output voltage down to 39 V below the
input voltage.
The ADP5073 operates at a pin selected 1.2 MHz/2.4 MHz
switching frequency. The ADP5073 can synchronize with an
external oscillator from 1.0 MHz to 2.6 MHz to ease noise
filtering in sensitive applications. The regulator implements
programmable slew rate control circuitry for the MOSFET
driver stage to reduce electromagnetic interference (EMI).
The ADP5073 includes a fixed internal or resistor programmable
soft start timer to prevent inrush current at power-up. During
shutdown, the regulator completely disconnects the load from the
input supply to provide a true shutdown. A power-good pin is
available to indicate the output is stable.
Other key safety features in the ADP5073 include overcurrent
protection (OCP), overvoltage protection (OVP), thermal
shutdown (TSD), and input undervoltage lockout (UVLO).
The ADP5073 is available in a 16-lead LFCSP and is rated for a
−40°C to +125°C operating junction temperature range.
Table 1. Related Devices
Device
Boost
Switch (A)
Inverter
Switch (A)
Package
ADP5070
1.0
0.6
20-lead LFCSP (4 mm ×
4 mm) and TSSOP
ADP5071
2.0
1.2
20-lead LFCSP (4 mm ×
4 mm) and TSSOP
ADP5073
Not
applicable
1.2
16-lead LFCSP (3 mm ×
3 mm)
ADP5074
Not
applicable
2.4
16-lead LFCSP (3 mm ×
3 mm)
ADP5075
Not
applicable
0.8
12-ball WLCSP
(1.61 mm × 2.18 mm)


Similar Part No. - ADP5070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5070 AD-ADP5070 Datasheet
1,023Kb / 28P
Independent Positive and Negative Outputs
REV. A
ADP5070 AD-ADP5070 Datasheet
1,002Kb / 28P
Independent Positive and Negative Outputs
REV. A
ADP5070 AD-ADP5070 Datasheet
520Kb / 17P
2.4 A, DC-to-DC Inverting Regulator
10/2017-Rev. 0 to Rev. A
ADP5070 AD-ADP5070 Datasheet
652Kb / 19P
800 mA, DC-to-DC Inverting Regulator
9/2017-Rev. A to Rev. B
ADP5070 AD-ADP5070 Datasheet
715Kb / 23P
2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
12/2019-Rev. 0 to Rev. A
More results

Similar Description - ADP5070

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Analog Devices
ADP2119 AD-ADP2119 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Vicor Corporation
PRM48DH480B03 VICOR-PRM48DH480B03 Datasheet
713Kb / 22P
DC to DC Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
logo
Analog Devices
ADP5074 AD-ADP5074 Datasheet
520Kb / 17P
2.4 A, DC-to-DC Inverting Regulator
10/2017-Rev. 0 to Rev. A
ADP5075 AD-ADP5075 Datasheet
652Kb / 19P
800 mA, DC-to-DC Inverting Regulator
9/2017-Rev. A to Rev. B
ADP5076 AD-ADP5076 Datasheet
715Kb / 23P
2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
12/2019-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com