Electronic Components Datasheet Search
  English  ▼

X  

ADP5075 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5075
Description  800 mA, DC-to-DC Inverting Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5075 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5075 Datasheet HTML 3Page - Analog Devices ADP5075 Datasheet HTML 4Page - Analog Devices ADP5075 Datasheet HTML 5Page - Analog Devices ADP5075 Datasheet HTML 6Page - Analog Devices ADP5075 Datasheet HTML 7Page - Analog Devices ADP5075 Datasheet HTML 8Page - Analog Devices ADP5075 Datasheet HTML 9Page - Analog Devices ADP5075 Datasheet HTML 10Page - Analog Devices ADP5075 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADP5075
Rev. B | Page 7 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
Typical performance characteristics are generated using the standard bill of materials for each input/output combination listed in Table 9.
0
50
100
150
200
250
300
350
400
450
500
–40
–35
–30
–25
–20
–15
–10
–5
0
VOUT (V)
VIN = 3.3V, L = 6.8µH, DIODE = DFLS240L
VIN = 3.3V, L = 10µH, DIODE = DFLS240
VIN = 5.0V, L = 10µH, DIODE = DFLS240
VIN = 5.0V, L = 15µH, DIODE = DFLS240
VIN = 12.0V, L = 15µH, DIODE = DFLS240L
VIN = 12.0V, L = 22µH, DIODE = DFLS240
VIN = 15.0V, L = 22µH, DIODE = DFLS240L
VIN = 15.0V, L = 22µH, DIODE = DFLS240
Figure 3. Maximum Output Current, fSW = 1.2 MHz, TA = 25°C, Based on
Target of 70% ILIM
0
50
100
150
200
250
300
350
400
450
500
–40
–35
–30
–25
–20
–15
–10
–5
0
VOUT (V)
VIN = 3.3V, L = 3.3µH, DIODE = DFLS240L
VIN = 3.3V, L = 5.6µH, DIODE = DFLS240
VIN = 5.0V, L = 4.7µH, DIODE = DFLS240L
VIN = 5.0V, L = 6.8µH, DIODE = DFLS240
VIN = 12.0V, L = 8.2µH, DIODE = DFLS240L
VIN = 12.0V, L = 15.0µH, DIODE = DFLS240
VIN = 15.0V, L = 10.0µH, DIODE = DFLS240L
VIN = 15.0V, L = 15.0µH, DIODE = DFLS240
Figure 4. Maximum Output Current, fSW = 2.4 MHz, TA = 25°C, Based on
Target of 70% ILIM
0
10
20
30
40
50
60
70
80
90
0.001
0.01
0.1
1
CURRENT LOAD (A)
1.2MHz
2.4MHz
Figure 5. Efficiency vs. Current Load, VIN = 3.3 V, VNEG = −3.3 V, TA = 25°C
0
10
20
30
40
50
60
70
80
90
0.001
0.01
0.1
1
CURRENT LOAD (A)
VIN = 3.3V, 1.2MHz
VIN = 3.3V, 2.4MHz
VIN = 12.0V, 1.2MHz
VIN = 12.3V, 2.4MHz
Figure 6. Efficiency vs. Current Load, VNEG = −5 V, TA = 25°C
0
10
20
30
40
50
60
70
80
100
90
0.001
0.01
0.1
1
CURRENT LOAD (A)
1.2MHz
2.4MHz
Figure 7. Efficiency vs. Current Load, VIN = 12 V, VNEG = −15 V, TA = 25°C
0
10
20
30
40
50
60
70
80
0.001
0.01
0.1
CURRENT LOAD (A)
1.2MHz
2.4MHz
Figure 8. Efficiency vs. Current Load, VIN = 5 V, VNEG = −30 V, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com