Electronic Components Datasheet Search
  English  ▼

X  

ADP5075 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5075
Description  800 mA, DC-to-DC Inverting Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5075 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5075 Datasheet HTML 11Page - Analog Devices ADP5075 Datasheet HTML 12Page - Analog Devices ADP5075 Datasheet HTML 13Page - Analog Devices ADP5075 Datasheet HTML 14Page - Analog Devices ADP5075 Datasheet HTML 15Page - Analog Devices ADP5075 Datasheet HTML 16Page - Analog Devices ADP5075 Datasheet HTML 17Page - Analog Devices ADP5075 Datasheet HTML 18Page - Analog Devices ADP5075 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ADP5075
Data Sheet
Rev. B | Page 16 of 19
COMMON APPLICATIONS
Table 8 and Table 9 list a number of common component
selections for typical VIN and VNEG conditions. These have been
bench tested and provide an off the shelf solution. To optimize
components for an application, use the ADIsimPower tool set.
Figure 27 shows the schematic referenced by Table 8 and Table 9
with example component values for a +5 V input to a −15 V
output. Table 8 shows the components common to all VIN and
VNEG conditions.
Table 8. Recommended Common Component Selections
Reference
Value
Part Number
Manufacturer
CIN
10 µF
TMK316B7106KL-TD
Taiyo Yuden
CVREG
1 µF
GRM188R71A105KA61D
Murata
CVREF
1 µF
GRM188R71A105KA61D
Murata
ADP5075
COMP
SS
RC
15kΩ
CC
68nF
EN
GND
AVIN
PVIN
CIN
10µF
ON
OFF
VIN
+5V
L1
15µH
SW
SYNC/FREQ
FB
VREF
D1
DFLS240
RFB
118kΩ
CVREF
1µF
COUT
10µF
CVREG
1µF
RFT
2.32MΩ
VREG
Figure 27. Typical +5 V Input to −15 V Output, 1.2 MHz Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com