Electronic Components Datasheet Search
  English  ▼

X  

ADP5075 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5075
Description  800 mA, DC-to-DC Inverting Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5075 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5075 Datasheet HTML 11Page - Analog Devices ADP5075 Datasheet HTML 12Page - Analog Devices ADP5075 Datasheet HTML 13Page - Analog Devices ADP5075 Datasheet HTML 14Page - Analog Devices ADP5075 Datasheet HTML 15Page - Analog Devices ADP5075 Datasheet HTML 16Page - Analog Devices ADP5075 Datasheet HTML 17Page - Analog Devices ADP5075 Datasheet HTML 18Page - Analog Devices ADP5075 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
ADP5075
Rev. B | Page 17 of 19
Table 9. Recommended Inverting Regulator Components
VIN
(V)
VNEG
(V)
Freq.
(MHz)
L1
(μH)
L1, Manufacturer Part Number
COUT
(μF)
COUT2, Murata Part
D1,
Diodes,
Inc. Part
RFT
(MΩ)
RFB
(kΩ)
CC
(nF)
RC
(kΩ)
Coilcraft®
Wurth
Electronik
3.3
−5
1.2
6.8
XAL4030-682ME_
7443857068
10
GRM32ER71H106KA12L
DFLS240L
1.15
158
47
4.7
3.3
−5
2.4
4.7
XAL4030-472ME_
7443857047
10
GRM32ER71H106KA12L
DFLS240L
1.15
158
47
6.8
3.3
−9
1.2
10
XAL4040-103ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
1.62
133
47
8.2
3.3
−9
2.4
4.7
XAL4030-472ME_
74438357047
10
GRM32ER71H106KA12L
DFLS240
1.62
133
47
8.2
3.3
−15
1.2
10
XAL4040-103ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
2.32
118
47
12
3.3
−15
2.4
4.7
XAL4030-472ME_
74438357047
10
GRM32ER71H106KA12L
DFLS240
2.32
118
47
18
3.3
−24
1.2
10
XAL4040-103ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
22
3.3
−24
2.4
6.8
XAL4030-682ME_
74438357068
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
33
3.3
−34
1.2
10
XAL4040-103ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
4.99
115
47
47
3.3
−34
2.4
10
XAL4040-103ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
4.99
115
47
47
5
−9
1.2
10
XAL4040-103ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
1.62
133
47
8.2
5
−9
2.4
6.8
XAL4030-682ME_
7448357068
10
GRM32ER71H106KA12L
DFLS240
1.62
133
47
8.2
5
−15
1.2
15
XAL4040-153ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
2.32
118
68
15
5
−15
2.4
6.8
XAL4030-682ME_
7448357068
10
GRM32ER71H106KA12L
DFLS240
2.32
118
47
22
5
−24
1.2
15
XAL4040-153ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
22
5
−24
2.4
6.8
XAL4030-682ME_
74438357068
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
22
5
−34
1.2
15
XAL4040-153ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
4.99
115
47
39
5
−34
2.4
10
XAL4040-103ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
4.99
115
47
39
12
−24
1.2
22
XAL5050-223ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
10
12
−24
2.4
15
XAL4040-153ME_
N/A
10
GRM32ER71H106KA12L
DFLS240
3.16
102
47
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com