Electronic Components Datasheet Search
  English  ▼

X  

ADP5074 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5074
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5074 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5074 Datasheet HTML 7Page - Analog Devices ADP5074 Datasheet HTML 8Page - Analog Devices ADP5074 Datasheet HTML 9Page - Analog Devices ADP5074 Datasheet HTML 10Page - Analog Devices ADP5074 Datasheet HTML 11Page - Analog Devices ADP5074 Datasheet HTML 12Page - Analog Devices ADP5074 Datasheet HTML 13Page - Analog Devices ADP5074 Datasheet HTML 14Page - Analog Devices ADP5074 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADP5076
Rev. A | Page 11 of 23
3.0
0.5
2.7
5.7
VIN (V)
1.0
1.5
2.0
2.5
3.2
3.7
4.2
4.7
5.2
TA = +125°C
TA = +25°C
TA = –40°C
Figure 27. Standby Current vs. VIN over Temperature, ENx Pins Below
Shutdown Threshold
3
CH1 1.00V
M1.00ms A CH1
4.96V
T
1.906000ms
CH3 10.0mV
CH2 50.0mV
1
2
VFB1
VPOS
VIN
Figure 28. Boost Regulator Line Transient, VIN = 4.5 V to 5.5 V Step, VPOS = 15 V,
Resistor Load for Boost Regulator (RLOAD1) = 300 Ω, fSW = 2.4 MHz, TA = 25°C
CH1 50.0mV
M100µs A CH4
140mA
3
4
T
20.30%
CH3 10.0mV
CH4 50.0mA
VFB1
VPOS
ILOAD1
1
Figure 29. Boost Regulator Load Transient, VIN = 5 V Step, VPOS = 15 V,
ILOAD1 = 120 mA to 150 mA Step, fSW = 2.4 MHz, TA = 25°C
3.8
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.7
5.7
VIN (V)
3.2
3.7
4.2
4.7
5.2
TA = +125°C
TA = +25°C
TA = –40°C
Figure 30. Operating Quiescent Current vs. VIN over Temperature,
ENx Pins On
CH1 1.00V
M2.00ms A CH1
5.16V
T
5.772000ms
CH3 20.0mV
CH2 200mV
VNEG
VFB2
1
2
3
VIN
Figure 31. Inverting Regulator Line Transient, VIN = +4.5 V to +5.5 V Step,
VNEG = −15 V, Resistor Load for Inverting Regulator (RLOAD2) = 300 Ω,
fSW = 2.4 MHz, TA = 25°C
CH1 100mV
M1.00ms A CH4
48.0mA
1
3
4
T
20.30%
CH3 10.0mV
CH4 20.0mA
VFB2
VNEG
ILOAD2
Figure 32. Inverting Regulator Load Transient, VIN = +5 V Step, VNEG = −15 V,
ILOAD2 = 35 mA to 45 mA Step, fSW = 2.4 MHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com