Electronic Components Datasheet Search
  English  ▼

X  

ADP5074 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5074
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5074 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5074 Datasheet HTML 15Page - Analog Devices ADP5074 Datasheet HTML 16Page - Analog Devices ADP5074 Datasheet HTML 17Page - Analog Devices ADP5074 Datasheet HTML 18Page - Analog Devices ADP5074 Datasheet HTML 19Page - Analog Devices ADP5074 Datasheet HTML 20Page - Analog Devices ADP5074 Datasheet HTML 21Page - Analog Devices ADP5074 Datasheet HTML 22Page - Analog Devices ADP5074 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADP5076
Rev. A | Page 23 of 23
OUTLINE DIMENSIONS
A
B
C
D
E
2.220
2.180
2.140
1.650
1.610
1.570
1
2
3
4
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
BOTTOM VIEW
(BALL SIDE UP)
BALL A1
IDENTIFIER
0.40
BSC
0.560
0.500
0.440
0.330
0.300
0.270
0.230
0.200
0.170
0.225
0.205
0.185
0.310
0.290
0.270
0.300
0.260
0.220
1.60 REF
1.20 REF
COPLANARITY
0.04
SEATING
PLANE
Figure 49. 20-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-20-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP5076ACBZ-R7
−40°C to +125°C
20-Ball Wafer Level Chip Scale Package [WLCSP]
CB-20-14
ADP5076CB-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D20402-0-12/19(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com