Electronic Components Datasheet Search
  English  ▼

X  

ADP5074 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5074
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5074 Datasheet(HTML) 3 Page - Analog Devices

  ADP5074 Datasheet HTML 1Page - Analog Devices ADP5074 Datasheet HTML 2Page - Analog Devices ADP5074 Datasheet HTML 3Page - Analog Devices ADP5074 Datasheet HTML 4Page - Analog Devices ADP5074 Datasheet HTML 5Page - Analog Devices ADP5074 Datasheet HTML 6Page - Analog Devices ADP5074 Datasheet HTML 7Page - Analog Devices ADP5074 Datasheet HTML 8Page - Analog Devices ADP5074 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADP5076
Rev. A | Page 3 of 23
SPECIFICATIONS
PVIN = AVIN = +2.85 V to +5.5 V, adjustable positive output voltage (VPOS) = +15 V, adjustable negative output voltage (VNEG) = −15 V,
switching frequency (fSW) = 1200 kHz, junction temperature (TJ) = −40°C to +125°C for minimum and maximum specifications, and
ambient temperature (TA) = +25°C for typical specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT SUPPLY VOLTAGE
VIN
2.85
5.5
V
PVIN pin, AVIN pin
QUIESCENT CURRENT
Operating Quiescent Current
Sum of PVIN and AVIN
IQ
3.5
4.0
mA
No switching, EN1 pin =
EN2 pin = high
Standby Current
ISTNDBY
2.05
2.2
mA
No switching, EN1 pin =
EN2 pin = low
UVLO
System UVLO Threshold
AVIN pin
Rising
VUVLO_RISING
2.8
2.85
V
Falling
VUVLO_FALLING
2.5
2.55
V
Hysteresis
VHYS_1
0.25
V
OSCILLATOR CIRCUIT
Switching Frequency
fSW
1.130
1.200
1.270
MHz
SYNC pin = low
2.240
2.400
2.560
MHz
SYNC pin = high (connect to
AVIN pin)
SYNC Input
Input Clock Range
fSYNC
1.000
2.600
MHz
Input Clock Minimum On Pulse Width
tSYNC_MIN_ON
100
ns
Input Clock Minimum Off Pulse Width
tSYNC_MIN_OFF
100
ns
Input Clock High Logic
VH (SYNC)
1.3
V
Input Clock Low Logic
VL (SYNC)
0.4
V
PRECISION ENABLING (EN1, EN2)
High Level Threshold
VTH_H
1.125
1.15
1.175
V
Low Level Threshold
VTH_L
1.025
1.05
1.075
V
Shutdown Mode
VTH_S
0.4
V
Internal circuitry disabled to
achieve ISTNDBY
Pull-Down Resistance
REN
1.48
MΩ
BOOST REGULATOR
Adjustable Positive Output Voltage
VPOS
35
V
Feedback Voltage
VFB1
0.8
V
Feedback Voltage Accuracy
−0.5
+0.5
%
TJ = 25°C
−1.5
+1.5
%
TJ = −40°C to +125°C
Feedback Bias Current
IFB1
0.1
μA
Overvoltage Protection Threshold
VOV1
0.86
V
At FB1 pin
Load Regulation
(∆VFB1/VFB1)/ΔILOAD1
0.0003
%/mA
ILOAD11 = 5 mA to 150 mA
Line Regulation
(∆VFB1/VFB1)/ΔVPVIN
0.002
%/V
ILOAD1 = 50 mA
Error Amplifier (EA) Transconductance
GM1
260
300
340
μA/V
Power Field Effect Transistor (FET) On
Resistance
RDS (ON) BOOST
175
mΩ
Power FET Maximum Drain Source
Voltage
VDS (MAX) BOOST
39
V
Current-Limit Threshold, Main Switch
ILIM (BOOST)
2.0
2.2
2.4
A
Minimum On Time
50
ns
Minimum Off Time
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com