Electronic Components Datasheet Search
  English  ▼

X  

EDBA164B2PR Datasheet(PDF) 5 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 5 Page - Micron Technology

  EDBA164B2PR Datasheet HTML 1Page - Micron Technology EDBA164B2PR Datasheet HTML 2Page - Micron Technology EDBA164B2PR Datasheet HTML 3Page - Micron Technology EDBA164B2PR Datasheet HTML 4Page - Micron Technology EDBA164B2PR Datasheet HTML 5Page - Micron Technology EDBA164B2PR Datasheet HTML 6Page - Micron Technology EDBA164B2PR Datasheet HTML 7Page - Micron Technology EDBA164B2PR Datasheet HTML 8Page - Micron Technology EDBA164B2PR Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 152 page
background image
List of Figures
Figure 1: LPDDR2 Part Numbering ................................................................................................................... 2
Figure 2: Dual Die Single Rank, Dual Channel Package Block Diagram ............................................................. 16
Figure 3: Quad Die Dual Rank, Dual Channel Package Block Diagram ............................................................. 17
Figure 4: 216-Ball FBGA (12mm x 12mm x 0.8mm) – EDB8164B4PR, EDB8164B4PT ......................................... 18
Figure 5: 216-Ball FBGA (12mm x 12mm x 1.0mm) – EDBA164B2PR ................................................................ 19
Figure 6: 220-Ball FBGA (14mm x 14mm x 0.7mm) – EDB8164B4PK ................................................................ 20
Figure 7: 216-Ball Dual-Channel FBGA – 2 x 4Gb Die ...................................................................................... 21
Figure 8: 220-Ball Dual-Channel FBGA – 2 x 4Gb Die ...................................................................................... 22
Figure 9: 216-Ball Dual-Channel FBGA – 4 x 4Gb Die ...................................................................................... 23
Figure 10: Functional Block Diagram ............................................................................................................. 26
Figure 11: Simplified State Diagram ............................................................................................................... 27
Figure 12: Voltage Ramp and Initialization Sequence ...................................................................................... 30
Figure 13: Command and Input Setup and Hold ............................................................................................. 43
Figure 14: CKE Input Setup and Hold ............................................................................................................. 43
Figure 15: ACTIVATE Command .................................................................................................................... 44
Figure 16: tFAW Timing (8-Bank Devices) ....................................................................................................... 45
Figure 17: READ Output Timing – tDQSCK (MAX) ........................................................................................... 46
Figure 18: READ Output Timing – tDQSCK (MIN) ........................................................................................... 46
Figure 19: Burst READ – RL = 5, BL = 4, tDQSCK > tCK ..................................................................................... 47
Figure 20: Burst READ – RL = 3, BL = 8, tDQSCK < tCK ..................................................................................... 47
Figure 21: tDQSCKDL Timing ........................................................................................................................ 48
Figure 22: tDQSCKDM Timing ....................................................................................................................... 49
Figure 23: tDQSCKDS Timing ......................................................................................................................... 50
Figure 24: Burst READ Followed by Burst WRITE – RL = 3, WL = 1, BL = 4 ......................................................... 51
Figure 25: Seamless Burst READ – RL = 3, BL = 4, tCCD = 2 .............................................................................. 51
Figure 26: READ Burst Interrupt Example – RL = 3, BL = 8, tCCD = 2 ................................................................. 52
Figure 27: Data Input (WRITE) Timing ........................................................................................................... 53
Figure 28: Burst WRITE – WL = 1, BL = 4 ......................................................................................................... 53
Figure 29: Burst WRITE Followed by Burst READ – RL = 3, WL = 1, BL = 4 ......................................................... 54
Figure 30: Seamless Burst WRITE – WL = 1, BL = 4, tCCD = 2 ............................................................................ 54
Figure 31: WRITE Burst Interrupt Timing – WL = 1, BL = 8, tCCD = 2 ................................................................ 55
Figure 32: Burst WRITE Truncated by BST – WL = 1, BL = 16 ............................................................................ 56
Figure 33: Burst READ Truncated by BST – RL = 3, BL = 16 ............................................................................... 57
Figure 34: Data Mask Timing ......................................................................................................................... 57
Figure 35: Write Data Mask – Second Data Bit Masked .................................................................................... 58
Figure 36: READ Burst Followed by PRECHARGE – RL = 3, BL = 8, RU(tRTP(MIN)/tCK) = 2 ................................ 59
Figure 37: READ Burst Followed by PRECHARGE – RL = 3, BL = 4, RU(tRTP(MIN)/tCK) = 3 ................................ 60
Figure 38: WRITE Burst Followed by PRECHARGE – WL = 1, BL = 4 .................................................................. 61
Figure 39: READ Burst with Auto Precharge – RL = 3, BL = 4, RU(tRTP(MIN)/tCK) = 2 ........................................ 62
Figure 40: WRITE Burst with Auto Precharge – WL = 1, BL = 4 .......................................................................... 63
Figure 41: tSRF Definition .............................................................................................................................. 67
Figure 42: Regular Distributed Refresh Pattern ............................................................................................... 69
Figure 43: Supported Transition from Repetitive REFRESH Burst .................................................................... 70
Figure 44: Nonsupported Transition from Repetitive REFRESH Burst .............................................................. 71
Figure 45: Recommended Self Refresh Entry and Exit ..................................................................................... 72
Figure 46: All-Bank REFRESH Operation ........................................................................................................ 73
Figure 47: Per-Bank REFRESH Operation ....................................................................................................... 73
Figure 48: SELF REFRESH Operation .............................................................................................................. 74
Figure 49: MRR Timing – RL = 3, tMRR = 2 ...................................................................................................... 76
Figure 50: READ to MRR Timing – RL = 3, tMRR = 2 ......................................................................................... 77
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Features
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
5
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com