Electronic Components Datasheet Search
  English  ▼

X  

EDBA164B2PR Datasheet(PDF) 6 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 6 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 2Page - Micron Technology EDBA164B2PR Datasheet HTML 3Page - Micron Technology EDBA164B2PR Datasheet HTML 4Page - Micron Technology EDBA164B2PR Datasheet HTML 5Page - Micron Technology EDBA164B2PR Datasheet HTML 6Page - Micron Technology EDBA164B2PR Datasheet HTML 7Page - Micron Technology EDBA164B2PR Datasheet HTML 8Page - Micron Technology EDBA164B2PR Datasheet HTML 9Page - Micron Technology EDBA164B2PR Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 152 page
background image
Figure 51: Burst WRITE Followed by MRR – RL = 3, WL = 1, BL = 4 ................................................................... 78
Figure 52: Temperature Sensor Timing ........................................................................................................... 80
Figure 53: MR32 and MR40 DQ Calibration Timing – RL = 3, tMRR = 2 ............................................................. 81
Figure 54: MODE REGISTER WRITE Timing – RL = 3, tMRW = 5 ....................................................................... 82
Figure 55: ZQ Timings ................................................................................................................................... 84
Figure 56: Power-Down Entry and Exit Timing ................................................................................................ 86
Figure 57: CKE Intensive Environment ........................................................................................................... 86
Figure 58: REFRESH-to-REFRESH Timing in CKE Intensive Environments ...................................................... 86
Figure 59: READ to Power-Down Entry ........................................................................................................... 87
Figure 60: READ with Auto Precharge to Power-Down Entry ............................................................................ 88
Figure 61: WRITE to Power-Down Entry ......................................................................................................... 89
Figure 62: WRITE with Auto Precharge to Power-Down Entry .......................................................................... 90
Figure 63: REFRESH Command to Power-Down Entry .................................................................................... 91
Figure 64: ACTIVATE Command to Power-Down Entry ................................................................................... 91
Figure 65: PRECHARGE Command to Power-Down Entry ............................................................................... 91
Figure 66: MRR Command to Power-Down Entry ........................................................................................... 92
Figure 67: MRW Command to Power-Down Entry .......................................................................................... 92
Figure 68: Deep Power-Down Entry and Exit Timing ....................................................................................... 93
Figure 69: VREF DC Tolerance and VREF AC Noise Limits ................................................................................. 108
Figure 70: LPDDR2-466 to LPDDR2-1066 Input Signal ................................................................................... 110
Figure 71: LPDDR2-200 to LPDDR2-400 Input Signal ..................................................................................... 111
Figure 72: Differential AC Swing Time and tDVAC .......................................................................................... 112
Figure 73: Single-Ended Requirements for Differential Signals ....................................................................... 114
Figure 74: VIX Definition ............................................................................................................................... 115
Figure 75: Differential Input Slew Rate Definition for CK_t, CK_c, DQS_t, and DQS_c ...................................... 116
Figure 76: Single-Ended Output Slew Rate Definition ..................................................................................... 118
Figure 77: Differential Output Slew Rate Definition ........................................................................................ 119
Figure 78: Overshoot and Undershoot Definition ........................................................................................... 120
Figure 79: HSUL_12 Driver Output Reference Load for Timing and Slew Rate ................................................. 121
Figure 80: Output Driver ............................................................................................................................... 122
Figure 81: Output Impedance = 240 Ohms, I-V Curves After ZQRESET ............................................................ 125
Figure 82: Output Impedance = 240 Ohms, I-V Curves After Calibration ......................................................... 126
Figure 83: Typical Slew Rate and tVAC – tIS for CA and CS_n Relative to Clock ................................................. 141
Figure 84: Typical Slew Rate – tIH for CA and CS_n Relative to Clock ............................................................... 142
Figure 85: Tangent Line – tIS for CA and CS_n Relative to Clock ...................................................................... 143
Figure 86: Tangent Line – tIH for CA and CS_n Relative to Clock ..................................................................... 144
Figure 87: Typical Slew Rate and tVAC – tDS for DQ Relative to Strobe ............................................................. 148
Figure 88: Typical Slew Rate – tDH for DQ Relative to Strobe ........................................................................... 149
Figure 89: Tangent Line – tDS for DQ with Respect to Strobe .......................................................................... 150
Figure 90: Tangent Line – tDH for DQ with Respect to Strobe .......................................................................... 151
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Features
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
6
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com