Electronic Components Datasheet Search
  English  ▼

X  

EDBA164B2PR Datasheet(PDF) 8 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 8 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 4Page - Micron Technology EDBA164B2PR Datasheet HTML 5Page - Micron Technology EDBA164B2PR Datasheet HTML 6Page - Micron Technology EDBA164B2PR Datasheet HTML 7Page - Micron Technology EDBA164B2PR Datasheet HTML 8Page - Micron Technology EDBA164B2PR Datasheet HTML 9Page - Micron Technology EDBA164B2PR Datasheet HTML 10Page - Micron Technology EDBA164B2PR Datasheet HTML 11Page - Micron Technology EDBA164B2PR Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 152 page
background image
Table 51: Temperature Sensor Definitions and Operating Conditions .............................................................. 79
Table 52: Data Calibration Pattern Description ............................................................................................... 82
Table 53: Truth Table for MRR and MRW ........................................................................................................ 82
Table 54: Command Truth Table .................................................................................................................... 94
Table 55: CKE Truth Table .............................................................................................................................. 96
Table 56: Current State Bank n to Command to Bank n Truth Table ................................................................. 97
Table 57: Current State Bank n to Command to Bank m Truth Table ................................................................ 99
Table 58: DM Truth Table .............................................................................................................................. 101
Table 59: Absolute Maximum DC Ratings ...................................................................................................... 102
Table 60: Input/Output Capacitance ............................................................................................................. 102
Table 61: Switching for CA Input Signals ........................................................................................................ 103
Table 62: Switching for IDD4R ......................................................................................................................... 103
Table 63: Switching for IDD4W ........................................................................................................................ 104
Table 64: IDD Specification Parameters and Operating Conditions .................................................................. 104
Table 65: Recommended DC Operating Conditions ....................................................................................... 106
Table 66: Input Leakage Current ................................................................................................................... 106
Table 67: Operating Temperature Range ........................................................................................................ 107
Table 68: Single-Ended AC and DC Input Levels for CA and CS_n Inputs ......................................................... 107
Table 69: Single-Ended AC and DC Input Levels for CKE ................................................................................ 107
Table 70: Single-Ended AC and DC Input Levels for DQ and DM ..................................................................... 108
Table 71: Differential AC and DC Input Levels ................................................................................................ 112
Table 72: CK_t/CK_c and DQS_t/DQS_c Time Requirements Before Ringback (tDVAC) ................................... 113
Table 73: Single-Ended Levels for CK_t, CK_c, DQS_t, DQS_c ......................................................................... 114
Table 74: Crosspoint Voltage for Differential Input Signals (CK_t, CK_c, DQS_t, DQS_c) .................................. 115
Table 75: Differential Input Slew Rate Definition ............................................................................................ 116
Table 76: Single-Ended AC and DC Output Levels .......................................................................................... 116
Table 77: Differential AC and DC Output Levels ............................................................................................. 117
Table 78: Single-Ended Output Slew Rate Definition ...................................................................................... 117
Table 79: Single-Ended Output Slew Rate ...................................................................................................... 118
Table 80: Differential Output Slew Rate Definition ......................................................................................... 119
Table 81: Differential Output Slew Rate ......................................................................................................... 119
Table 82: AC Overshoot/Undershoot Specification ......................................................................................... 120
Table 83: Output Driver DC Electrical Characteristics with ZQ Calibration ...................................................... 122
Table 84: Output Driver Sensitivity Definition ................................................................................................ 123
Table 85: Output Driver Temperature and Voltage Sensitivity ......................................................................... 123
Table 86: Output Driver DC Electrical Characteristics Without ZQ Calibration ................................................ 123
Table 87: I-V Curves ..................................................................................................................................... 124
Table 88: Definitions and Calculations .......................................................................................................... 127
Table 89: tCK(abs), tCH(abs), and tCL(abs) Definitions ................................................................................... 128
Table 90: Refresh Requirement Parameters (Per Density) ............................................................................... 131
Table 91: AC Timing ..................................................................................................................................... 131
Table 92: CA and CS_n Setup and Hold Base Values (>400 MHz, 1 V/ns Slew Rate) .......................................... 138
Table 93: CA and CS_n Setup and Hold Base Values (<400 MHz, 1 V/ns Slew Rate) .......................................... 138
Table 94: Derating Values for AC/DC-Based tIS/tIH (AC220) ........................................................................... 139
Table 95: Derating Values for AC/DC-Based tIS/tIH (AC300) ........................................................................... 139
Table 96: Required Time for Valid Transition – tVAC > VIH(AC) and < VIL(AC) ....................................................... 139
Table 97: Data Setup and Hold Base Values (>400 MHz, 1 V/ns Slew Rate) ....................................................... 145
Table 98: Data Setup and Hold Base Values (<400 MHz, 1 V/ns Slew Rate) ....................................................... 146
Table 99: Derating Values for AC/DC-Based tDS/tDH (AC220) ........................................................................ 146
Table 100: Derating Values for AC/DC-Based tDS/tDH (AC300) ....................................................................... 147
Table 101: Required Time for Valid Transition – tVAC > VIH(AC) or < VIL(AC) ....................................................... 147
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Features
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
8
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com