Electronic Components Datasheet Search
  English  ▼

X  

ES9219 Datasheet(PDF) 15 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 15 Page - ESS Technology,Inc

Back Button ES9219 Datasheet HTML 11Page - ESS Technology,Inc ES9219 Datasheet HTML 12Page - ESS Technology,Inc ES9219 Datasheet HTML 13Page - ESS Technology,Inc ES9219 Datasheet HTML 14Page - ESS Technology,Inc ES9219 Datasheet HTML 15Page - ESS Technology,Inc ES9219 Datasheet HTML 16Page - ESS Technology,Inc ES9219 Datasheet HTML 17Page - ESS Technology,Inc ES9219 Datasheet HTML 18Page - ESS Technology,Inc ES9219 Datasheet HTML 19Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
15
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Standby Mode
For lowest power consumption, the following should be performed to enter stand-by mode:
Shut down the amplifier portion of the chip with Register 32: AMPLIFIER CONFIGURATION.
1. Pull RESETB low. This will:
a. Shut off the DACs, oscillator and internal regulators.
b. Force all digital I/O pins into tri-state mode
2. If XI is supplied externally, it should be stopped at a logic low level
3. Disable any power supplies connected to the chip
To resume from standby mode:
1. Enable all power supplies
2. Pull RESETB up
3. Reinitialize all registers
To resume from standby mode, bring RESETB to a logic-high and reinitialize all registers.
OPERATION Mode
RESETB
GPIO2
HiFi Mode
(DAC & HPA: ON, AUX SW: OFF)
H
X
AUX Mode
(DAC & HPA: OFF, AUX SW: ON)
L
H
Standby(Shutdown) Mode
(DAC, HPA, AUX SW: OFF)
L
L
DVDD Supply
The ES9219 is equipped with a regulated DVDD supply powered from AVDD. The internal DVDD regulator should be decoupled to DGND with a
capacitor that maintains a minimum value of 1
F at 1.2V over the target operating temperature range.
External 1.2V can be supplied if the customer would prefer to do so but setting the SEL1V in Register 46: ANALOG CONTROL OVERRIDE
OSF Bypass
The oversampling FIR filter can be bypassed using bypass_osf in Register 7: FILTER SHAPE AND SYSTEM MUTE, sourcing data directly into
the IIR filter. The audio input should be oversampled at 8 x fs rate when OSF is bypassed to have the same IIR filter bandwidth as PCM audio
sampled at fs rate. For example, an external signal at 44.1kHz can be oversampled externally to 8 x 44.1kHz = 352.8kHz and then applied to the
serial decoder in either I2S or LJ format. The maximum sample rate that can be applied is 768kHz (8 x 96kHz).
DSD Filter
A DSD filter with cutoff at 47kHz scaled by fs/44100 is available. See DSD FILTER Characteristics for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com