Electronic Components Datasheet Search
  English  ▼

X  

289 Datasheet(PDF) 13 Page - Fluke Corporation

Part # 289
Description  True-rms Digital Multimeters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

289 Datasheet(HTML) 13 Page - Fluke Corporation

Back Button 289 Datasheet HTML 9Page - Fluke Corporation 289 Datasheet HTML 10Page - Fluke Corporation 289 Datasheet HTML 11Page - Fluke Corporation 289 Datasheet HTML 12Page - Fluke Corporation 289 Datasheet HTML 13Page - Fluke Corporation 289 Datasheet HTML 14Page - Fluke Corporation 289 Datasheet HTML 15Page - Fluke Corporation 289 Datasheet HTML 16Page - Fluke Corporation 289 Datasheet HTML 17Page - Fluke Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
True-rms Digital Multimeters
Hazardous Voltage
3
•
Use proper protective equipment, as required
by local or national authorities when working
in hazardous areas.
•
Comply with local and national safety
requirements when working in hazardous
locations.
W
Caution
To avoid possible damage to the Meter or to the
equipment under test, follow these guidelines:
•
Disconnect circuit power and discharge all
high-voltage capacitors before testing
resistance, continuity, diodes, or capacitance.
•
Use the proper terminals, function, and range
for all measurements.
•
Do not remove batteries while the Meter is
turned on or a signal is applied to the Meter’s
input jacks.
•
Before measuring current, check the Meter's
fuses. (See "Testing the Fuses" in the Users
Manual on the accompanying CD.)
•
Do not use the LoZ mode to measure voltages
in circuits that could be damaged by this
mode’s low impedance (
≈3 kΩ). (Model 289
only)
Hazardous Voltage
To alert you to the presence of a potentially hazardous voltage,
when the Meter detects a voltage
≥30 V or a voltage overload
(OL), the
Ysymbol is displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com