Electronic Components Datasheet Search
  English  ▼

X  

289 Datasheet(PDF) 39 Page - Fluke Corporation

Part # 289
Description  True-rms Digital Multimeters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

289 Datasheet(HTML) 39 Page - Fluke Corporation

Back Button 289 Datasheet HTML 35Page - Fluke Corporation 289 Datasheet HTML 36Page - Fluke Corporation 289 Datasheet HTML 37Page - Fluke Corporation 289 Datasheet HTML 38Page - Fluke Corporation 289 Datasheet HTML 39Page - Fluke Corporation 289 Datasheet HTML 40Page - Fluke Corporation 289 Datasheet HTML 41Page - Fluke Corporation 289 Datasheet HTML 42Page - Fluke Corporation 289 Datasheet HTML 43Page - Fluke Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
True-rms Digital Multimeters
Making Measurements
29
To input a temperature offset value, press the softkey labeled
Offset to open a message box with the present offset value. Use
6
and 5 to position the cursor over one of the digits or the polarity
sign. Use 7 and 8 to scroll through the numbers for each digit
in the offset or switch between a + or – offset. With the desired
value displayed, press the softkey labeled OK to set the
temperature offset. When set to something other than 0.0, the
offset value is shown in the secondary display.
Measuring Resistance
W
Caution
To avoid possible damage to the meter or to the
equipment under test, disconnect circuit power
and discharge all high-voltage capacitors before
measuring resistance.
The Meter measures resistance (opposition to current flow) in
ohms (
Ω). This is accomplished by sending a small current out
through the test leads to the circuit under test.
To measure resistance, set the Meter’s rotary switch to
S and
set up the Meter as shown in Figure 15.
Keep the following in mind when measuring resistance.
Because the meter’s test current flows through all possible paths
between the probe tips, the measured value of a resistor in a
circuit is often different from the resistor’s rated value.
The test leads can add 0.1
Ω to 0.2 Ω of error to resistance
measurements. To test the leads, touch the probe tips together
and read the resistance of the leads. To remove lead resistance
from the measurement, hold the test lead tips together and press
the softkey labeled Menu. Next, move the menu selector to the
menu item labeled REL and press the softkey labeled REL. Now
all future displayed readings indicate the resistance at the probe
tips.
The Meter’s resistance function includes modes to help with
resistance measurements. Pressing the softkey labeled Menu
opens a menu of items that can be used to modify the basic
resistance measurement. Refer to the appropriate section in this
manual to learn more about each menu item.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com