Electronic Components Datasheet Search
  English  ▼

X  

289 Datasheet(PDF) 21 Page - Fluke Corporation

Part # 289
Description  True-rms Digital Multimeters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

289 Datasheet(HTML) 21 Page - Fluke Corporation

Back Button 289 Datasheet HTML 17Page - Fluke Corporation 289 Datasheet HTML 18Page - Fluke Corporation 289 Datasheet HTML 19Page - Fluke Corporation 289 Datasheet HTML 20Page - Fluke Corporation 289 Datasheet HTML 21Page - Fluke Corporation 289 Datasheet HTML 22Page - Fluke Corporation 289 Datasheet HTML 23Page - Fluke Corporation 289 Datasheet HTML 24Page - Fluke Corporation 289 Datasheet HTML 25Page - Fluke Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
True-rms Digital Multimeters
Features
11
Using the Input Terminals
All functions except current use the W and COM input
terminals. The two current input terminals (A and mA/
μA) are
used as follows:
Current from 0 to 400 mA, use the
€ and COM terminals.
Current between 0 and 10 A use the A and COM terminals.
est04.emf
Figure 4. Input Terminals
Table 5. Input Terminals
Terminal
Description
A
Input for 0 A to 10.00 A current (20VA
overload for 30 seconds on, 10 minutes off),
frequency, and duty-cycle measurements.
€
Input for 0 A to 400 mA current
measurements, frequency, and duty cycle.
COM
Return terminal for all measurements.
Input for voltage, continuity, resistance,
diode test, conductance, capacitance,
frequency, temperature, period, and duty-
cycle measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com