Electronic Components Datasheet Search
  English  ▼

X  

STM32G474XC Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 92Page - STMicroelectronics STM32G474XC Datasheet HTML 93Page - STMicroelectronics STM32G474XC Datasheet HTML 94Page - STMicroelectronics STM32G474XC Datasheet HTML 95Page - STMicroelectronics STM32G474XC Datasheet HTML 96Page - STMicroelectronics STM32G474XC Datasheet HTML 97Page - STMicroelectronics STM32G474XC Datasheet HTML 98Page - STMicroelectronics STM32G474XC Datasheet HTML 99Page - STMicroelectronics STM32G474XC Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 236 page
background image
IDD
(LPRun)
Supply
current in
Low-power
run mode
SYSCLK source is HSE
in bypass mode
all peripherals disable
2 MHz
365
570
1200
2150
3850
640
1400
3700
6000
11000
µA
1 MHz
240
425
1050
2000
3650
500
1200
3500
5800
11000
250 KHz
135
315
945
1850
3550
390
1100
3400
5700
11000
62.5 KHz
105
285
915
1850
3550
350
990
3300
5600
11000
SYSCLK source is HSI16
all peripherals disable
2 MHz
835
1050
1650
2600
4300
1300
1900
4300
6600
11000
1 MHz
775
940
1550
2500
4150
1200
1800
4200
6400
11000
250 KHz
640
860
1450
2400
4100
1100
1700
4100
6400
11000
62.5 KHz
640
830
1450
2350
4050
1100
1700
4100
6300
11000
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.
Table 23. Current consumption in Run and Low-power run modes,
code with data processing running from SRAM1 (continued)
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com