Electronic Components Datasheet Search
  English  ▼

X  

STM32G474XC Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 16Page - STMicroelectronics STM32G474XC Datasheet HTML 17Page - STMicroelectronics STM32G474XC Datasheet HTML 18Page - STMicroelectronics STM32G474XC Datasheet HTML 19Page - STMicroelectronics STM32G474XC Datasheet HTML 20Page - STMicroelectronics STM32G474XC Datasheet HTML 21Page - STMicroelectronics STM32G474XC Datasheet HTML 22Page - STMicroelectronics STM32G474XC Datasheet HTML 23Page - STMicroelectronics STM32G474XC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 236 page
background image
Functional overview
STM32G474xB STM32G474xC STM32G474xE
20/236
DS12288 Rev 4
3.5
Embedded SRAM
STM32G474xB/xC/xE devices feature 128 Kbytes of embedded SRAM. This SRAM is split
into three blocks:
•
80 Kbytes mapped at address 0x2000 0000 (SRAM1). The CM4 can access the
SRAM1 through the System Bus (or through the I-Code/D-Code buses when boot from
SRAM1 is selected or when physical remap is selected by SYSCFG_MEMRMP
register). The first 32 Kbyte of SRAM1 support hardware parity check.
•
16 Kbytes mapped at address 0x2001 4000 (SRAM2). The CM4 can access the
SRAM2 through the System bus. SRAM2 can be retained in standby modes.
•
32 Kbytes mapped at address 0x1000 0000 (CCM SRAM). It is accessed by the CPU
through I-Code/D-Code bus for maximum performance.
It is also aliased at 0x2001 8000 address to be accessed by all masters (CPU, DMA1,
DMA2) through SBUS contiguously to SRAM1 and SRAM2. The CCM SRAM supports
hardware parity check and can be write-protected with 1 Kbyte granularity.
•
The memory can be accessed in read/write at max CPU clock speed with 0 wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com