Electronic Components Datasheet Search
  English  ▼

X  

STM32G474XC Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 13Page - STMicroelectronics STM32G474XC Datasheet HTML 14Page - STMicroelectronics STM32G474XC Datasheet HTML 15Page - STMicroelectronics STM32G474XC Datasheet HTML 16Page - STMicroelectronics STM32G474XC Datasheet HTML 17Page - STMicroelectronics STM32G474XC Datasheet HTML 18Page - STMicroelectronics STM32G474XC Datasheet HTML 19Page - STMicroelectronics STM32G474XC Datasheet HTML 20Page - STMicroelectronics STM32G474XC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 236 page
background image
DS12288 Rev 4
17/236
STM32G474xB STM32G474xC STM32G474xE
Description
48
Figure 1. STM32G474xB/xC/xE block diagram
1. AF: alternate function on I/O pins.
USART 2MBps
GPIO PORT A
AHB/APB2
USART 2MBps
EXT IT. WKUP
107 AF
USART 2MBps
GPIO PORT B
PB(15:0)
USART 2MBps
GPIO PORT C
PC(15:0)
USART 2MBps
USART 1
RX, TX, SCK,CTS,
RTS as AF
USART 2MBps
GPIO PORT D
PD(15:0)
USART 2MBps
GPIO PORT E
PE(15:0)
USART 2MBps
SPI 1
MOSI, MISO
SCK, NSS as AF
4 CH, ETR as AF
TIMER2&5
4 CH, ETR as AF
TIMER3&4
RX, TX, SCK,
CTS, RTS as AF
USART2&3
UART4&5
MOSI, MISO, SCK
SPI2&3
NSS, as AF
OUT1/OUT2
DAC1
TIMER6
RTC_OUT
RTC_TS
RTC_TAMPx
OSC_IN
OSC_OUT
VDD, VSS,
VDDA, VSSA,
RESET
VBAT = 1.55 to 3.6V
AHB/APB1
JTAG & SW
ARM
®
CORTEX-M4
170MHz
S-BUS
ETM
MPU
TRACECK
TRACED(3:0)
JTRST, JTDI,
JTCK/SWCLK
JTDO/SWD, JTDO
GP-DMA2
8 Chan
GP-DMA1
8 Chan
FLASH 2 x 256 KB
CLK, E(3:0), A(23:0)
D(31:0), OEN, WEN,
BL(3:0), L, WAIT/IORDY,
IORD, IOWD,IS16 as AF
@VDDA
POR / BOR
SUPPLY
@VDD
SUPERVISION
Reset
Int
POR
XTAL OSC
4-48MHz
XTAL 32kHz
RTC
AWU
BKPREG
LSI
Standby Interface
IWDG
@VBAT
@VDD
RESET&
CLOCKCTRL
PLL
VDD = 1.71 to 3.6V
VSS
VOLT. REG.
3.3V TO 1.2V
VDD12
POWER MNGT
peripheralclocks
RTC Interface
FPU
WinWATCHDOG
and system
LP timer1
USART 2MBps
CH as AF
AHB2
SAR ADC2
Ain ADC
SysCfg
CRC
LP_UART1
TIMER1
4 PWM,4PWM,
ETR,BKIN as F
I2C1&2&3&4
SCL, SDA, SMBAL as AF
RNG
RNB1
analog
COMP
1,2,3,4,5,6,7
SRAM2 16 KB
FSMC
QUADSPI
CLK, NCS, BK1_IO[3:0]
PWRCTRL
CAN1 & 2 & 3
RX,TX as AF
Vref_Buf
CRS
SRAM1 80 KB
CCM SRAM 32 KB
DMAMUX
HSI
SAR ADC1
IF
SAR ADC4
SAR ADC3
IF
SAR ADC5
HRTimer
4 PWM,4PWM,
ETR,BKIN as F
USART 2MBps
CH as AF
USART 2MBps
TIMER17
CH as AF16b
TIMER20
4 PWM,4PWM,
ETR,BKIN as F
@VDDA
16b trigg
TIMER7
16b trigg
UCPD
CC1
CC2
HSI48
SPI 4
CH2
OUT1
DAC2
CH1
USB
Device
D+
D-
I2S half
duplex
MOSI, MISO
SCK, NSS as AF
CH1
OPAMP
1,2,3,4,5,6
USART 2MBps
GPIO PORT F
PF(15:0)
DAC3
CH2
CH1
DAC4
CH2
CH1
USART 2MBps
GPIO PORT G
PG(10:0)
CORDIC
FMAC
SAI1
FS, SCK, SD,
MCLK as AF
MSv42693V4
TIMER16
TIMER8
TIMER15
16b PWM
16b PWM
16b PWM
16b
16b
16b
irDA
Smcard
irDA
RX, TX, CTS,
RTS as AF
RX, TX as AF
OSC32_IN
OSC_OUT
@VDDA
NVIC
I-BUS
D-BUS
6 Fault inputs as AF
10 ext. event inputs
1 synchro. input
1 synchro. Output
12 PWM outputs
16b PWM
PVD, PWM
PA(15:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com