Electronic Components Datasheet Search
  English  ▼

X  

SHT85 Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button SHT85 Datasheet HTML 5Page - Sensirion AG Switzerland SHT85 Datasheet HTML 6Page - Sensirion AG Switzerland SHT85 Datasheet HTML 7Page - Sensirion AG Switzerland SHT85 Datasheet HTML 8Page - Sensirion AG Switzerland SHT85 Datasheet HTML 9Page - Sensirion AG Switzerland SHT85 Datasheet HTML 10Page - Sensirion AG Switzerland SHT85 Datasheet HTML 11Page - Sensirion AG Switzerland SHT85 Datasheet HTML 12Page - Sensirion AG Switzerland SHT85 Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
9/23
4 Operation and Communication
The SHT85 supports I2C fast mode (and frequencies up to 1000 kHz). For detailed information on the I2C protocol, refer
to NXP I2C-bus specification15.
After sending a command to the sensor a minimal waiting time of 1ms is needed before another command can
be received by the sensor.
Furthermore, to keep self-heating below 0.1°C, SHT85 should not be active for more than 10% of the time.
All SHT85 commands and data are mapped to a 16-bit address space. Additionally, data and commands are protected
with a CRC checksum. This increases communication reliability. The 16 bits commands to the sensor already include a
3 bit CRC checksum. Data sent from and received by the sensor is always succeeded by an 8 bit CRC.
In write direction it is mandatory to transmit the checksum, since the SHT85 only accepts data if it is followed by the
correct checksum. In read direction it is left to the master to read and process the checksum.
4.1 I2C Address
The I2C device address is given in
Table 7: SHTC85 I2C device address.
SHT85
Hex. Code
Bin. Code
I2C address
0x44
100’0100
Table 7: SHTC85 I2C device address.
4.2 Power-Up and Communication Start
The sensor starts powering-up after reaching the power-up threshold voltage VPOR specified in Table 3. After reaching
this threshold voltage the sensor needs the time tPU to enter idle state. Once the idle state is entered it is ready to receive
commands from the master (microcontroller).
Each transmission sequence begins with a START condition (S) and ends with a STOP condition (P) as described in the
I2C-bus specification. Whenever the sensor is powered up, but not performing a measurement or communicating, it
automatically enters idle state for energy saving. This idle state cannot be controlled by the user.
4.3 Starting a Measurement
A measurement communication sequence consists of a START condition, the I2C write header (7-bit I2C device address
plus 0 as the write bit) and a 16-bit measurement command. The proper reception of each byte is indicated by the sensor.
It pulls the SDA pin low (ACK bit) after the falling edge of the 8th SCL clock to indicate the reception. A complete
measurement cycle is depicted in Table 8.
With the acknowledgement of the measurement command, the SHT85 starts measuring humidity and temperature.
4.4 Measurement Commands for Single Shot Data Acquisition Mode
In this mode one issued measurement command triggers the acquisition of one data pair. Each data pair consists of one
16-bit temperature and one 16-bit humidity value (in this order). During transmission each data value is always followed
by a CRC checksum, see Section 4.5.
In single shot mode different measurement commands can be selected. The 16-bit commands are shown in Table 8.
They differ with respect to repeatability (low, medium and high).
15 http://www.nxp.com/documents/user_manual/UM10204.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com