Electronic Components Datasheet Search
  English  ▼

X  

SHT85 Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button SHT85 Datasheet HTML 6Page - Sensirion AG Switzerland SHT85 Datasheet HTML 7Page - Sensirion AG Switzerland SHT85 Datasheet HTML 8Page - Sensirion AG Switzerland SHT85 Datasheet HTML 9Page - Sensirion AG Switzerland SHT85 Datasheet HTML 10Page - Sensirion AG Switzerland SHT85 Datasheet HTML 11Page - Sensirion AG Switzerland SHT85 Datasheet HTML 12Page - Sensirion AG Switzerland SHT85 Datasheet HTML 13Page - Sensirion AG Switzerland SHT85 Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
10/23
The repeatability setting influences the measurement duration and thus the overall energy consumption of the sensor.
This is explained in Section 2.
Condition
Hex. code
Repeatability
MSB
LSB
High
0x24
00
Medium
0B
Low
16
e.g. 0x2400: high repeatability measurement.
Table 8: Measurement commands in single shot mode. The first “SCL
free” block indicates a minimal waiting time of 1ms. (Clear blocks are
controlled by the microcontroller, grey blocks by the sensor).
4.5 Readout of Measurement Results for Single Shot Mode
After the sensor has completed the measurement, the master can read the measurement results (pair of RH & T) by
sending a START condition followed by an I2C read header.
The sensor responds to a read header with a not acknowledge (NACK), if the measurement is still ongoing and thus no
data is present.
If the measurement is completed, the sensor will acknowledge the reception of the read header and send two bytes of
data (temperature) followed by one byte CRC checksum and another two bytes of data (relative humidity) followed by
one byte CRC checksum. Each byte must be acknowledged by the microcontroller with an ACK condition for the sensor
to continue sending data. If the sensor does not receive an ACK from the master after any byte of data, it will not continue
sending data.
The sensor will send the temperature value first and then the relative humidity value. After having received the checksum
for the humidity value a NACK and stop condition should be sent (see Table 8).
The I2C master can abort the read transfer with a NACK condition after any data byte if it is not interested in subsequent
data, e.g. the CRC byte or the second measurement result, in order to save time.
In case the user needs humidity and temperature data but does not want to process CRC data, it is recommended to
read the two temperature bytes of data with the CRC byte (without processing the CRC data); after having read the two
humidity bytes, the read transfer can be aborted with a with a NACK.
SCL free
I2C Address
I2C read header
measurement
completed
measurement
ongoing
S
R
Temperature MSB
Temperature LSB
16-bit temperature value
Checksum
CRC
Humidity MSB
Humidity LSB
16-bit humidity value
Checksum
CRC
P
SCL free
I2C read header
I2C Address
measurement
ongoing:
P
R
S
I2C Address
16-bit command
I2C write header
S
W
P
Command LSB
Command MSB
no read header for 1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com