Electronic Components Datasheet Search
  English  ▼

X  

A2201 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A2201
Description  G5RL-1A-E-HR-DC24
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2201 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A2201 Datasheet HTML 1Page - Omron Electronics LLC A2201 Datasheet HTML 2Page - Omron Electronics LLC A2201 Datasheet HTML 3Page - Omron Electronics LLC A2201 Datasheet HTML 4Page - Omron Electronics LLC A2201 Datasheet HTML 5Page - Omron Electronics LLC A2201 Datasheet HTML 6Page - Omron Electronics LLC A2201 Datasheet HTML 7Page - Omron Electronics LLC A2201 Datasheet HTML 8Page - Omron Electronics LLC A2201 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
A22
2
Model Number Structure
Model Number Legend ..... Shipped as a set which includes the Pushbutton, Lamp (lighted type only), and Switch.
For information on combinations, refer to Ordering Information on pages 3 to 6.
(1)
(2) (3)
(4)
(5)
(6)
A22 L - T R - 12A - 10 M
(2) Flange Shape
Non-lighted
Lighted
Code
Description
F
Round
Flat
TProjected
G
Full-guard
H
Half-guard
C
Square
Projected
D
Full-guard
S
Round
Mushroom
Small (30 dia.)
M
Mushroom
Medium
(40 dia.)
Code
Description
T
Round
Projection
G
Full-guard
H
Half-guard
C
Square
Projection
D
Full-guard
(1) Type
Code
Descrip-
tion
No
symbol
Non-lighted
L
Lighted
(3) Illumination
Color
* For non-lighted type
only
Code
Descrip-
tion
RRed
GGreen
YYellow
WWhite
ABlue
BBlack*
(4) Light Source
Without Voltage Reduction Unit
With Voltage Reduction Unit
Note: LED incorporates the 24-VAC/
VDC type.
Code
Operating Voltage
No
symbol
Non-lighted
6A
LED
6 VAC/VDC
12A
12 VAC/VDC
24A
24 VAC/VDC
5
Incan-
descent
lamp
5 VAC/VDC
12
12 VAC/VDC
24
24 VAC/VDC
Code
Operating Voltage
T1
LED
100 VAC
T2
200 VAC
(5) Contacts
Note: 1. The contact ratings
are for standard
loads. For
microloads, select
from the accessories
on page 10.
2. Refer to page 13
for contact ratings.
Code
Description
10
SPST-NO
01
SPST-NC
11
SPST-NO +
SPST-NC
20
DPST-NO
02
DPST-NC
(6) Switch Action
Note: 1. Momentary
operation:
Self-resetting
2. Alternate operation:
Self-holding
The Socket Unit
holds and the
Operation Unit
resets.
Code
Description
M
Momentary
A
Alternate
■ Specifications: See pages 13 to 14.
■ Precautions for correct use: Refer to page 23.
■ Dimensions: Refer to page16.
■ Accessories and tools: See pages 10 to 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com