Electronic Components Datasheet Search
  English  ▼

X  

A2201 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A2201
Description  G5RL-1A-E-HR-DC24
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2201 Datasheet(HTML) 4 Page - Omron Electronics LLC

  A2201 Datasheet HTML 1Page - Omron Electronics LLC A2201 Datasheet HTML 2Page - Omron Electronics LLC A2201 Datasheet HTML 3Page - Omron Electronics LLC A2201 Datasheet HTML 4Page - Omron Electronics LLC A2201 Datasheet HTML 5Page - Omron Electronics LLC A2201 Datasheet HTML 6Page - Omron Electronics LLC A2201 Datasheet HTML 7Page - Omron Electronics LLC A2201 Datasheet HTML 8Page - Omron Electronics LLC A2201 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
A22
4
Ordering Information
Completely Assembled ........Shipped as a set which includes the Pushbutton, Lamp (lighted type only), and Switch.
Lighted (Round Type)
Note: The contact ratings are for standard loads.
Note: The contact ratings are for standard loads.
Operation
Momentary operation
(self-resetting)
Alternate operation
(self-holding)
Illumination
color
Appearance
Output
Lighting Operating voltage
Set
Set
Round/Projection type
LED lighting
(without Voltage Reduction Unit)
A22L-T
SPST-NO
LED
6 VAC/VDC
A22L-T
@-6A-10M
A22L-T
@-6A-10A
R (red)
Y (yellow)
G (green)
W (white)
A (blue)
12 VAC/VDC
A22L-T
@-12A-10M
A22L-T
@-12A-10A
24 VAC/VDC
A22L-T
@-24A-10M
A22L-T
@-24A-10A
SPST-NC
6 VAC/VDC
A22L-T
@-6A-01M
A22L-T
@-6A-01A
12 VAC/VDC
A22L-T
@-12A-01M
A22L-T
@-12A-01A
24 VAC/VDC
A22L-T
@-24A-01M
A22L-T
@-24A-01A
SPST-NO +
SPST-NC
6 VAC/VDC
A22L-T
@-6A-11M
A22L-T
@-6A-11A
12 VAC/VDC
A22L-T
@-12A-11M
A22L-T
@-12A-11A
24 VAC/VDC
A22L-T
@-24A-11M
A22L-T
@-24A-11A
SPST-NO +
SPST-NO
6 VAC/VDC
A22L-T
@-6A-20M
A22L-T
@-6A-20A
12 VAC/VDC
A22L-T
@-12A-20M
A22L-T
@-12A-20A
24 VAC/VDC
A22L-T
@-24A-20M
A22L-T
@-24A-20A
SPST-NC +
SPST-NC
6 VAC/VDC
A22L-T
@-6A-02M
A22L-T
@-6A-02A
12 VAC/VDC
A22L-T
@-12A-02M
A22L-T
@-12A-02A
24 VAC/VDC
A22L-T
@-24A-02M
A22L-T
@-24A-02A
Round/Projection type
LED voltage-reduction lighting
(with Voltage Reduction Unit)
A22L-T
SPST-NO
100 VAC
A22L-T
@-T1-10M
A22L-T
@-T1-10A
200 VAC
A22L-T
@-T2-10M
A22L-T
@-T2-10A
SPST-NC
100 VAC
A22L-T
@-T1-01M
A22L-T
@-T1-01A
200 VAC
A22L-T
@-T2-01M
A22L-T
@-T2-01A
SPST-NO +
SPST-NC
100 VAC
A22L-T
@-T1-11M
A22L-T
@-T1-11A
200 VAC
A22L-T
@-T2-11M
A22L-T
@-T2-11A
SPST-NO +
SPST-NO
100 VAC
A22L-T
@-T1-20M
A22L-T
@-T1-20A
200 VAC
A22L-T
@-T2-20M
A22L-T
@-T2-20A
SPST-NC +
SPST-NC
100 VAC
A22L-T
@-T1-02M
A22L-T
@-T1-02A
200 VAC
A22L-T
@-T2-02M
A22L-T
@-T2-02A
Operation
Momentary operation
(self-resetting)
Alternate operation
(self-holding)
Illumination
color
Appearance
Output
Lighting Operating voltage
Set
Set
Round/Half-guard type
LED lighting
(without Voltage Reduction Unit)
A22L-H
SPST-NO
LED
24 VAC/VDC
A22L-H
@-24A-10M
A22L-H
@-24A-10A
R (red)
Y (yellow)
G (green)
W (white)
A (blue)
SPST-NC
A22L-H
@-24A-01M
A22L-H
@-24A-01A
SPST-NO +
SPST-NC
A22L-H
@-24A-11M
A22L-H
@-24A-11A
SPST-NO +
SPST-NO
A22L-H
@-24A-20M
A22L-H
@-24A-20A
SPST-NC +
SPST-NC
A22L-H
@-24A-02M
A22L-H
@-24A-02A
Round/Half-guard type
LED voltage-reduction lighting
(with Voltage Reduction Unit)
A22L-H
SPST-NO
100 VAC
A22L-H
@-T1-10M
A22L-H
@-T1-10A
200 VAC
A22L-H
@-T2-10M
A22L-H
@-T2-10A
SPST-NC
100 VAC
A22L-H
@-T1-01M
A22L-H
@-T1-01A
200 VAC
A22L-H
@-T2-01M
A22L-H
@-T2-01A
SPST-NO +
SPST-NC
100 VAC
A22L-H
@-T1-11M
A22L-H
@-T1-11A
200 VAC
A22L-H
@-T2-11M
A22L-H
@-T2-11A
SPST-NO +
SPST-NO
100 VAC
A22L-H
@-T1-20M
A22L-H
@-T1-20A
200 VAC
A22L-H
@-T2-20M
A22L-H
@-T2-20A
SPST-NC +
SPST-NC
100 VAC
A22L-H
@-T1-02M
A22L-H
@-T1-02A
200 VAC
A22L-H
@-T2-02M
A22L-H
@-T2-02A
Individual models: Refer to pages 7 to 9.
(The Pushbutton, Lamp, and Switch can be ordered separately.)
■ Specifications and dimensions: See pages 13 to 16.
■ Accessories and tools: See pages 10 to 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com