Electronic Components Datasheet Search
  English  ▼

X  

A2201 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # A2201
Description  G5RL-1A-E-HR-DC24
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2201 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button A2201 Datasheet HTML 17Page - Omron Electronics LLC A2201 Datasheet HTML 18Page - Omron Electronics LLC A2201 Datasheet HTML 19Page - Omron Electronics LLC A2201 Datasheet HTML 20Page - Omron Electronics LLC A2201 Datasheet HTML 21Page - Omron Electronics LLC A2201 Datasheet HTML 22Page - Omron Electronics LLC A2201 Datasheet HTML 23Page - Omron Electronics LLC A2201 Datasheet HTML 24Page - Omron Electronics LLC A2201 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
A22
21
Dimensions
(Unit: mm)
Control Box (Enclosure) A22Z-B10
@
20.5
22.1
dia.
(10x36) 0.6-mm
concave surface
(Lead cable hole)
Two, 21 dia.
10
75
Case (black)
Cover (*)
Four, M4 Phillips binding screws
(Lead cable hole)
Two
mounting holes
16
±1 dia.
32
39
A22Z-B101 (One Hole)
A22Z-B101Y
Cable Port Hole (Top View)
* A22Z-B101: gray
A22Z-B101Y: yellow
16
±1 dia
(10x36) 0.6-mm
concave surface
(Lead cable hole)
(Lead cable hole)
Two
mounting
holes
21 dia.
Two, 22.1
dia.
94
101
10
137
50
Case (black)
Cover (gray)
Four, M4 Phillips binding screws
A22Z-B102 (Two Holes)
Cable Port Hole (Top View)
10
199
50
50
163
156
16
±1 dia
(10x36) 0.6-mm
concave surface
(Lead cable hole)
(Lead cable hole)
Two
mounting
holes
21 dia.
Three, 22.1
dia.
Case (black)
Cover (gray)
Four, M4 Phillips binding screws
A22Z-B103 (Three Holes)
Cable Port Hole (Top View)
6.3
4.3
3R
(Panel Mounting Hole)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com