Electronic Components Datasheet Search
  English  ▼

X  

3200 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3200
Description  Safety-Walk™ Wet Area Matting 3200
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3200 Datasheet(HTML) 1 Page - 3M Electronics

  3200 Datasheet HTML 1Page - 3M Electronics 3200 Datasheet HTML 2Page - 3M Electronics 3200 Datasheet HTML 3Page - 3M Electronics 3200 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data/
Product Specifications
3
Safety-Walk™
Wet Area Matting 3200
(Also known as 3M™ Entrap Wet Area Matting)
1.0 Product
Description
The product is a durable, oil-resistant, all-vinyl floor mat having an open,
continuously patterned surface. Its open construction allows liquids to
run easily through the mat. The product provides a slip-resistant,
comfortable walking surface for barefoot traffic and requires only simple
maintenance.
2.0 Intended Use
For use in wet areas to provide a slip-resistant, comfortable walking
surface for barefeet.
3.0
Standard Sizes
Pre-Cut Mats:
Rolls:
Custom Lengths:
Width:
Length:
3 ft. x 10 ft.
3 ft. x 20 ft.
3 feet
2 feet to 30 feet in 1 foot increments.
4.0 Color
Wheat, Horizon Blue
5.0
Requirements
General Requirements
The product shall be made of oil-resistant, vinyl, nonwoven continuous
filaments bonded together to form a durable, resilient mat.
Detailed Requirements:
Weight (minimum)
ASTM D418-68
6.25 lbs./yd.
2 (3.4 kg/m2)
Width
(minimum)
35.8 inches (0.91 m)
Thickness (minimum) [1]
ASTM D418-68
0.2 inches (5.0 mm)
Microbiological Properties
ASTM G-21-90
Inhibiting to fungal growth


Similar Part No. - 3200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3200 ETC2-3200 Datasheet
201Kb / 1P
FLAT WASHER
3200 ETC2-3200 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3200 HEYCO-3200 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Adafruit Industries
3200 ADAFRUIT-3200 Datasheet
109Kb / 1P
Teensy 3.x Feather Adapter
logo
Keystone Electronics Co...
3200 KEYSTONE-3200 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 3200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130110-0034 MOLEX11-130110-0034 Datasheet
37Kb / 1P
Wet Location 70W Metal Halide Magnet Mount Area Light with Feed Thru, Cord Type
130110-0061 MOLEX11-130110-0061 Datasheet
61Kb / 2P
Watertite Wet Location 2 x 20W LED Magnet Mount Area Light with Feed Thru
1301100031 MOLEX11-1301100031 Datasheet
55Kb / 1P
Wet Location 70W HPS Magnet Mount Area Light, Cord Type 16/3 SJTOW
1301100033 MOLEX11-1301100033 Datasheet
37Kb / 1P
Wet Location 70W HPS Magnet Mount Area Light with Feed Thru,
1301100035 MOLEX11-1301100035 Datasheet
55Kb / 1P
Wet Location 70W Metal Halide Magnet Mount Area Light, Cord Type 16/3 SJTOW
logo
Inchange Semiconductor ...
2SB924 ISC-2SB924 Datasheet
84Kb / 2P
Wide Safety Operation Area
logo
Holt Integrated Circuit...
AN-166 HOLTIC-AN-166 Datasheet
272Kb / 10P
HI-3200 Avionics Data
logo
Soshin electric Co., Lt...
ARP-4171300-D1 SOSHIN-ARP-4171300-D1 Datasheet
293Kb / 3P
20dB Directional Coupler 3200-4000MHz
logo
Mallory Sonalert Produc...
MSE14MCH2 MSPI-MSE14MCH2 Datasheet
43Kb / 1P
4500-3200 Hz Typical
MSE14MCH2S MSPI-MSE14MCH2S Datasheet
48Kb / 1P
4500-3200 Hz Typical
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com