Electronic Components Datasheet Search
  English  ▼

X  

3200 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3200
Description  Safety-Walk??Wet Area Matting 3200
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3200 Datasheet(HTML) 3 Page - 3M Electronics

  3200 Datasheet HTML 1Page - 3M Electronics 3200 Datasheet HTML 2Page - 3M Electronics 3200 Datasheet HTML 3Page - 3M Electronics 3200 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7.0
Cleaning (continued)
3.
If needed, mop or flush service area.
4.
If needed, flush both sides of the mat with warm water to
remove remaining dirt.
5.
Allow mat to dry flat before placing mat back into service.
For Wet Areas:
Flush both sides of mat daily with warm water.
Periodic Maintenance:
1.
Remove mat from service area if needed (no drainage in area).
2.
Mop mat(s) on both sides with a disinfectant cleaner and let
stand for ten (10) minutes.
3.
Flush mat with warm water.
4.
Allow mat to dry flat before placing back into service
8.0 Weight and Cube per Case
Size
3 ft. x 10 ft.
3 ft. x 20 ft.
Approximate
Weight
25 lb.
49 lb.
Cube
2.000 cu. ft.
2.496 cu. ft.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com