Electronic Components Datasheet Search
  English  ▼

X  

3200 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3200
Description  Safety-Walk??Wet Area Matting 3200
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3200 Datasheet(HTML) 2 Page - 3M Electronics

  3200 Datasheet HTML 1Page - 3M Electronics 3200 Datasheet HTML 2Page - 3M Electronics 3200 Datasheet HTML 3Page - 3M Electronics 3200 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.0 Requirements
(continued)
Flammability
DOC-FF-1-70 (Pill Test)
ASTM E-648 Flooring
Radiant Panel Test
Passes
>1.0 watts/cm
2 (no ignition)
Electrical Properties
AATCC-134
Static Propensity
0.9 kV [2]
Extended Use Temperature
-20
°F to 140°F
(-29
°C to 60°C)
Coefficient of Friction
ASTM D-1894 [3]
Dry Leather
Dry Rubber
Wet Leather
Wet Rubber
Oiled Leather
Oiled Rubber
1.2
1.1
1.2
1.1
1.1
1.0
Chemical Resistance[4]
Degreaser Solutions
(non-chlorinated)
Dishwashing Soap
Isopropyl Alcohol
Oil, Peanut
Oil, Vegetable
Soap Solution (1% Tide)
Sodium Hydroxide
Tri-Sodium Phosphate
Water
Water (10% Salt)
Water (0.2% Chlorinated)
Excellent [5]
Excellent
Excellent
Poor
Excellent
Excellent
Excellent
Excellent
Excellent
Excellent
Excellent
Excellent
[1] Product may be compressed in package. Thickness is
recovered loft.
[2] Annoyance threshold is considered to be greater than 2.5 kV
[3] Standard test method static and kinetic coefficients of
friction of plastic film and sheeting.
[4] Complete immersion for 30 days at 72
°F (22.2° C)
[5] Excellent – less than 3% dimension change and less than
5% hardness change
Poor – more than 3% dimension change and more than
5% hardness change. Product not recommended for use
in presence of the chemical.
6.0 Packaging and Marking
Packaging: One per carton.
Marking:
Each carton shall be marked with product name, size,
color, and manufacturer’s trade name.
7.0
Cleaning
Routine Maintenance:
For Dry Areas:
1.
Shake dirt from mat and remove from service area.
2.
Sweep and remove dirt from service area.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com