Electronic Components Datasheet Search
  English  ▼

X  

TMUX6209 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6209
Description  TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6209 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX6209 Datasheet HTML 28Page - Texas Instruments TMUX6209 Datasheet HTML 29Page - Texas Instruments TMUX6209 Datasheet HTML 30Page - Texas Instruments TMUX6209 Datasheet HTML 31Page - Texas Instruments TMUX6209 Datasheet HTML 32Page - Texas Instruments TMUX6209 Datasheet HTML 33Page - Texas Instruments TMUX6209 Datasheet HTML 34Page - Texas Instruments TMUX6209 Datasheet HTML 35Page - Texas Instruments TMUX6209 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
9.3.6 Latch-Up Immune
Latch-Up is a condition where a low impedance path is created between a supply pin and ground. This condition
is caused by a trigger (current injection or overvoltage), but once activated, the low impedance path remains
even after the trigger is no longer present. This low impedance path may cause system upset or catastrophic
damage due to excessive current levels. The Latch-Up condition typically requires a power cycle to eliminate the
low impedance path.
The TMUX62xx family of devices are constructed on Silicon on Insulator (SOI) based process where an oxide
layer is added between the PMOS and NMOS transistor of each CMOS switch to prevent parasitic structures
from forming. The oxide layer is also known as an insulating trench and prevents triggering of latch up events
due to overvoltage or current injections. The latch-up immunity feature allows the TMUX62xx family of switches
and multiplexers to be used in harsh environments. For more information on latch-up immunity refer to Using
Latch Up Immune Multiplexers to Help Improve System Reliability.
9.3.7 Ultra-Low Charge Injection
Figure 9-1 shows that the TMUX620x have a transmission gate topology. Any mismatch in the stray capacitance
associated with the NMOS and PMOS causes an output level change whenever the switch is opened or closed.
S
D
C
GDP
C
GDN
C
GSN
C
GSP
OFF
ON
OFF ON
Figure 9-1. Transmission Gate Topology
The TMUX620x contain specialized architecture to reduce charge injection on the Drain (D). To further reduce
charge injection in a sensitive application, a compensation capacitor (Cp) can be added on the Source (Sx). This
will ensure that excess charge from the switch transition will be pushed into the compensation capacitor on the
Source (Sx) instead of the Drain (D). As a general rule of thumb, Cp should be 20x larger than the equivalent
load capacitance on the Drain (D). Figure 9-2 shows charge injection variation with different compensation
capacitors on the Source side. This plot was captured on the TMUX6219 as part of the TMUX62xx family with a
100pF load capacitance.
Figure 9-2. Charge Injection Compesation
TMUX6208, TMUX6209
SCDS419C – NOVEMBER 2020 – REVISED AUGUST 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX6208 TMUX6209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com