Electronic Components Datasheet Search
  English  ▼

X  

TMUX6209 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6209
Description  TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6209 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX6209 Datasheet HTML 17Page - Texas Instruments TMUX6209 Datasheet HTML 18Page - Texas Instruments TMUX6209 Datasheet HTML 19Page - Texas Instruments TMUX6209 Datasheet HTML 20Page - Texas Instruments TMUX6209 Datasheet HTML 21Page - Texas Instruments TMUX6209 Datasheet HTML 22Page - Texas Instruments TMUX6209 Datasheet HTML 23Page - Texas Instruments TMUX6209 Datasheet HTML 24Page - Texas Instruments TMUX6209 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
7.14 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
Logic Voltage (V)
0
4
8
12
16
20
24
28
32
36
15
20
25
30
35
40
45
50
55
60
VDD = 15 V, VSS
–15 V
VDD = 5 V, VSS
–5 V
VDD = 12 V, VSS = 0 V
VDD = 5 V, VSS = 0 V
.
Figure 7-13. Supply Current vs Logic Voltage
Source Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-30
-20
-10
0
10
20
30
40
VDD = 15 V, VSS = –15 V
VDD = 5 V, VSS = –5 V
.
Figure 7-14. Charge Injection vs Source Voltage – Dual Supply
Drain Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-50
-40
-30
-20
-10
0
10
20
30
40
50
VDD = 15 V, VSS = –15 V
VDD = 5 V, VSS = –5 V
.
Figure 7-15. Charge Injection vs Drain Voltage – Dual Supply
Source Voltage (V)
0
4
8
12
16
20
24
28
32
36
-30
-20
-10
0
10
20
30
40
50
60
70
VDD = 36 V, VSS = 0 V
VDD = 20 V, VSS = 0 V
VDD = 15 V, VSS = 0 V
VDD = 12 V, VSS = 0 V
VDD = 5 V, VSS = 0 V
.
Figure 7-16. Charge Injection vs Source Voltage – Single Supply
Drain Voltage (V)
0
4
8
12
16
20
24
28
32
36
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
VDD = 36 V, VSS = 0 V
VDD = 20 V, VSS = 0 V
VDD = 15 V, VSS = 0 V
VDD = 12 V, VSS = 0 V
VDD = 5 V, VSS = 0 V
.
Figure 7-17. Charge Injection vs Drain Voltage – Single Supply
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
90
95
100
105
110
115
120
125
130
135
140
145
VDD = 15V, V SS = –15V
VDD = 36V, V SS = 0V
VDD = 12V, V SS = 0V
.
Figure 7-18. TTRANSITION vs Temperature
www.ti.com
TMUX6208, TMUX6209
SCDS419C – NOVEMBER 2020 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX6208 TMUX6209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com