Electronic Components Datasheet Search
  English  ▼

X  

TMUX7234 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7234
Description  TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7234 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7234 Datasheet HTML 28Page - Texas Instruments TMUX7234 Datasheet HTML 29Page - Texas Instruments TMUX7234 Datasheet HTML 30Page - Texas Instruments TMUX7234 Datasheet HTML 31Page - Texas Instruments TMUX7234 Datasheet HTML 32Page - Texas Instruments TMUX7234 Datasheet HTML 33Page - Texas Instruments TMUX7234 Datasheet HTML 34Page - Texas Instruments TMUX7234 Datasheet HTML 35Page - Texas Instruments TMUX7234 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
11.2 Layout Example
Figure 11-2 shows an example board layout for the TMUX7234.
SEL1
S1A
D1
S1B
VSS
GND
SEL4
S4A
D4
S4B
VDD
S2B
TMUX7234
D3
D2
S3B
Wide (low inductance)
trace for power
S2A
SEL2
SEL3
S3A
Via to ground plane
Wide (low inductance)
trace for power
EN
Figure 11-2. TMUX7234 Layout Example
TMUX7234
SCDS429E – FEBRUARY 2021 – REVISED AUGUST 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com