Electronic Components Datasheet Search
  English  ▼

X  

TMUX7234 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7234
Description  TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7234 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7234 Datasheet HTML 17Page - Texas Instruments TMUX7234 Datasheet HTML 18Page - Texas Instruments TMUX7234 Datasheet HTML 19Page - Texas Instruments TMUX7234 Datasheet HTML 20Page - Texas Instruments TMUX7234 Datasheet HTML 21Page - Texas Instruments TMUX7234 Datasheet HTML 22Page - Texas Instruments TMUX7234 Datasheet HTML 23Page - Texas Instruments TMUX7234 Datasheet HTML 24Page - Texas Instruments TMUX7234 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
7.5 tON(EN) and tOFF(EN)
Turn-on time is defined as the time taken by the output of the device to rise to 90% after the enable has risen
past the logic threshold. The 90% measurement is utilized to provide the timing of the device. System level
timing can then account for the time constant added from the load resistance and load capacitance. Figure 7-7
shows the setup used to measure turn-on time, denoted by the symbol tON(EN).
Turn-off time is defined as the time taken by the output of the device to fall to 10% after the enable has fallen
past the logic threshold. The 10% measurement is utilized to provide the timing of the device. System level
timing can then account for the time constant added from the load resistance and load capacitance. Figure 7-7
shows the setup used to measure turn-off time, denoted by the symbol tOFF(EN).
3 V
VEN
0 V
50%
50%
tON
tOFF
10%
90%
Output
tr < 20 ns
tf < 20 ns
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
GND
0 V
VEN
RL
S1A
D1
Output
VS
S1B
CL
RL
S4A
D4
Output
VS
S4B
CL
EN
Figure 7-5. Turn-On and Turn-Off Time Measurement Setup
7.6 Break-Before-Make
Break-before-make delay is a safety feature that prevents two inputs from connecting when the device is
switching. The output first breaks from the on-state switch before making the connection with the next on-state
switch. The time delay between the break and the make is known as break-before-make delay. Figure 7-6 shows
the setup used to measure break-before-make delay, denoted by the symbol tOPEN(BBM).
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1A
GND
D1
SELx
VSEL
VS
S1B
3 V
0 V
tBBM 1
80%
Output
0 V
tOPEN (BBM) = min ( tBBM 1, tBBM 2)
tBBM 2
VSEL
tr < 20ns
tf < 20ns
RL
Output
CL
S4A
D4
S4B
RL
Output
CL
VS
Figure 7-6. Break-Before-Make Delay Measurement Setup
www.ti.com
TMUX7234
SCDS429E – FEBRUARY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com