Electronic Components Datasheet Search
  English  ▼

X  

TMUX7234 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7234
Description  TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7234 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7234 Datasheet HTML 1Page - Texas Instruments TMUX7234 Datasheet HTML 2Page - Texas Instruments TMUX7234 Datasheet HTML 3Page - Texas Instruments TMUX7234 Datasheet HTML 4Page - Texas Instruments TMUX7234 Datasheet HTML 5Page - Texas Instruments TMUX7234 Datasheet HTML 6Page - Texas Instruments TMUX7234 Datasheet HTML 7Page - Texas Instruments TMUX7234 Datasheet HTML 8Page - Texas Instruments TMUX7234 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Thermal Information ...................................................4
6.4 Recommended Operating Conditions ........................5
6.5 Source or Drain Continuous Current ..........................5
6.6 ±15 V Dual Supply: Electrical Characteristics ...........6
6.7 ±15 V Dual Supply: Switching Characteristics .......... 7
6.8 ±20 V Dual Supply: Electrical Characteristics ............8
6.9 ±20 V Dual Supply: Switching Characteristics ........... 9
6.10 44 V Single Supply: Electrical Characteristics ...... 10
6.11 44 V Single Supply: Switching Characteristics ...... 11
6.12 12 V Single Supply: Electrical Characteristics ...... 12
6.13 12 V Single Supply: Switching Characteristics ..... 13
6.14 Typical Characteristics............................................ 14
7 Parameter Measurement Information.......................... 19
7.1 On-Resistance.......................................................... 19
7.2 Off-Leakage Current................................................. 19
7.3 On-Leakage Current................................................. 20
7.4 Transition Time......................................................... 20
7.5 tON(EN) and tOFF(EN) .................................................. 21
7.6 Break-Before-Make...................................................21
7.7 tON (VDD) Time............................................................22
7.8 Propagation Delay.................................................... 22
7.9 Charge Injection........................................................23
7.10 Off Isolation.............................................................23
7.11 Crosstalk................................................................. 24
7.12 Bandwidth............................................................... 24
7.13 THD + Noise........................................................... 25
7.14 Power Supply Rejection Ratio (PSRR)................... 25
8 Detailed Description......................................................26
8.1 Overview................................................................... 26
8.2 Functional Block Diagram......................................... 26
8.3 Feature Description...................................................26
8.4 Device Functional Modes..........................................28
8.5 Truth Tables.............................................................. 28
9 Application and Implementation.................................. 29
9.1 Application Information............................................. 29
9.2 Typical Application.................................................... 29
10 Power Supply Recommendations..............................31
11 Layout........................................................................... 31
11.1 Layout Guidelines................................................... 31
11.2 Layout Example...................................................... 32
12 Device and Documentation Support..........................33
12.1 Documentation Support.......................................... 33
12.2 Receiving Notification of Documentation Updates..33
12.3 Support Resources................................................. 33
12.4 Trademarks.............................................................33
12.5 Electrostatic Discharge Caution..............................33
12.6 Glossary..................................................................33
13 Mechanical, Packaging, and Orderable
Information.................................................................... 33
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (August 2021) to Revision E (August 2021)
Page
• Updated ESD HBM spec.................................................................................................................................... 4
Changes from Revision C (June 2021) to Revision D (August 2021)
Page
• Changed status from: Advanced Information to: Production Data .....................................................................1
TMUX7234
SCDS429E – FEBRUARY 2021 – REVISED AUGUST 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com