Electronic Components Datasheet Search
  English  ▼

X  

880MP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 880MP
Description  Modulink??880MP Series Floor Boxes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

880MP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  880MP Datasheet HTML 1Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 2Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 3Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 4Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 5Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 6Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 7Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ED923R14 — Updated April 2019 — For latest specs visit www.legrand.us/wiremold
3
WIREMOLD®
Modulink™ 880MP Series Floor Boxes
Modulink 880MP Series Solid Brass Cover Plate Flanges Ordering Information
Country of Origin: China
817B
One-Gang Brass Combination
Carpet & Tile Flange – Accepts
Ortronics® MAB6TJ TracJack and
MAB3S2 Series II adapters and
Wiremold CM Series inserts,
sold separately.
Country of Origin: China
837B
Three-Gang Brass Combination
Carpet and Tile Flange – Accepts
Ortronics® MAB6TJ TracJack and
MAB3S2 Series II adapters and
Wiremold CM Series inserts,
sold separately.
6.080"
(154.4mm)
5.060"
(128.5mm)
Country of Origin: China
827B
Two-Gang Brass Combination
Carpet and Tile Flange – Accepts
Ortronics® MAB6TJ TracJack and
MAB3S2 Series II adapters and
Wiremold CM Series inserts,
sold separately.
6.080"
(154.4mm)
9"
(229mm)
6.080"
(154.4mm)
13.81"
(335mm)
Modulink 880MP Series Metal Cover Plates Ordering Information
Country of Origin: China
828R
Brass Duplex Cover Plate – Flip
lids. Can also be used with a 106
type communication adapter.
3.156"
(80.2mm)
4.182"
(106.2mm)
Country of Origin: China
828GFITC
Brass GFI Cover Plate – May be
used with Activate and Ortronics®
Connectivity Systems in
conjunction with 817B, 827B,
and 837B Flanges.
Country of Origin: China
828DPGFITC
Brass Rectangular Cover Plate –
Allows for mounting of a duplex
style receptacle with a
rectangular style flip lid cover.
3.156"
(80.2mm)
4.182"
(106.2mm)
3.156"
(80.2mm)
4.182"
(106.2mm)
NOTE: Brass covers and flanges are not interchangeable with aluminum or nonmetallic covers
and flanges. Nonmetallic covers are interchangeable with aluminum flanges.
Country of Origin: China
828DLR
Brass Single Locking Receptacle
Cover Plate – Single flip lid cover
for 20A or 30A single locking
receptacles. Device opening is
2 5/8" (67mm). For use with
maximum female locking device
of 1.58" diameter, and maximum
male plug face of 2.25" diameter.
Country of Origin: China
828SPTC
Brass Duplex Cover Plate –
Screw plugs. Screw plugs are
1 1/2" (38mm) in diameter.
3 1/8"
(79mm)
4 1/8"
(105mm)
Country of Origin: China
828STC
Brass Communication Cover
Plate – Data slides. Feed through
only, not for use with a mounting
plate for communication jacks.
3 1/8"
(79mm)
4 1/8"
(105mm)
All cover assemblies
for the Modulink 880MP
Series Floor Box have
TopGuard protection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com