Electronic Components Datasheet Search
  English  ▼

X  

880MP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 880MP
Description  Modulink??880MP Series Floor Boxes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

880MP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  880MP Datasheet HTML 1Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 2Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 3Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 4Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 5Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 6Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 7Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ED923R14 — Updated April 2019 — For latest specs visit www.legrand.us/wiremold
5
WIREMOLD®
Modulink™ 880MP Series Floor Boxes
Modulink 880MP Series Brushed Aluminum Cover Plate Flanges Ordering Information
Country of Origin: China
828R-TCAL
Brushed Aluminum Duplex Cover
Plate – Flip lids. Can also be used
with a 106 type communication
adapter.
Country of Origin: China
830CKTCAL-1
Brushed Aluminum Cover Plate –
Power or communication plate with
2" (51mm) and 1" (25mm) plugs.
3.290"
(83.6mm)
4.310"
(109.5mm)
3.290"
(83.6mm)
4.310"
(109.5mm)
3.290"
(83.6mm)
4.310"
(109.5mm)
NOTE: Acceptable for use with
threaded conduit when passing
through power cables.
3.290"
(83.6mm)
4.310"
(109.5mm)
3.290"
(83.6mm)
4.310"
(109.5mm)
3.290"
(83.6mm)
4.310"
(109.5mm)
3.290"
(83.6mm)
4.310"
(109.5mm)
Country of Origin: China
828GFITCAL
Brushed Aluminum GFI
Cover Plate – May be used
with Activate and Ortronics®
Connectivity Systems in
conjunction with 817B, 827B,
and 837B Flanges.
Country of Origin: China
828DPGFITCAL
Brushed Aluminum Rectangular
Cover Plate – Allows for mounting
of a duplex style receptacle with a
rectangular style flip lid cover.
Country of Origin: China
828DLRAL
Brushed Aluminum Single Locking
Receptacle Cover Plate –
Single flip lid cover for 20A or 30A
single locking receptacles. Device
opening is 2 5/8" (67mm). For use
with maximum female locking device
of 1.58" diameter, and maximum
male plug face of 2.25" diameter.
Country of Origin: China
830CKTCAL
Brushed Aluminum Cover Plate –
Power or communication plate with
2" (51mm) and 1 1/4" (32mm) plugs.
NOTE: Brass covers and flanges are not interchangeable with aluminum or nonmetallic covers and flanges.
Nonmetallic covers are interchangeable with aluminum flanges.
Country of Origin: China
830CKTCAL-3/4
Brushed Aluminum Cover Plate –
Power or communication plate
with 2" (51mm) and 3/4" (19.1mm)
plugs.
Country of Origin: China
830CKTCAL-1/2
Brushed Aluminum Cover Plate –
Power or communication plate
with 2" (51mm) and 1/2" (12.7mm)
plugs.
Country of Origin: China
828MAAP
A/V Adapter Plate – Sheet metal
adapter plate that accepts two (2)
Extron
® Electronics MAAP style
device plates (sold separately). For
use with 828GFITC, 828GFITCAL
or 828PRGFI cover plates.
(Sold separately.)
NOTE: Acceptable for use with
threaded conduit when passing
through power cables.
NOTE: Acceptable for use with
threaded conduit when passing
through power cables.
NOTE: Acceptable for use with
threaded conduit when passing
through power cables.
All cover assemblies
for the Modulink 880MP
Series Floor Box have
TopGuard protection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com