Electronic Components Datasheet Search
  English  ▼

X  

880MP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 880MP
Description  Modulink??880MP Series Floor Boxes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

880MP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  880MP Datasheet HTML 1Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 2Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 3Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 4Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 5Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 6Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 7Page - List of Unclassifed Manufacturers 880MP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ED923R14 — Updated April 2019 — For latest specs visit www.legrand.us/wiremold
6
WIREMOLD®
Modulink™ 880MP Series Floor Boxes
Modulink 880MP Series Powder-Coated Aluminum Cover Plate Flanges Ordering Information
Country of Origin: China
817TCAL-BK
817TCAL-GY
817TCAL-BS
817TCAL-NK
817TCAL-BZ
One-Gang Powder-Coated
Aluminum Combination Carpet
and Tile Flange – Accepts
Ortronics® MAB6TJ TracJack and
MAB3S2 Series II adapters and
Wiremold CM Series inserts, sold
separately. Flanges are available in
five decorative colors: black, gray,
brass, nickel and bronze.
Country of Origin: China
828GFITCAL-BK
828GFITCAL-GY
828GFITCAL-BS
828GFITCAL-NK
828GFITCAL-BZ
Powder-Coated Aluminum
Rectangular Cover Plate – Allows
for mounting a duplex receptacle
(Decorator or GFCI style) with a
rectangular flip cover.
NOTE: Acceptable for use with
threaded conduit when passing
through power cables.
Country of Origin: China
827TCAL-BK
827TCAL-GY
827TCAL-BS
827TCAL-NK
827TCAL-BZ
Two-Gang Powder-Coated
Aluminum Combination Carpet
and Tile Flange – Accepts
Ortronics® MAB6TJ TracJack and
MAB3S2 Series II adapters and
Wiremold CM Series inserts, sold
separately. Flanges are available in
five decorative colors: black, gray,
brass, nickel and bronze.
Country of Origin: China
837TCAL-BK
837TCAL-GY
837TCAL-BS
837TCAL-NK
837TCAL-BZ
Three-Gang Powder-Coated
Aluminum Combination Carpet
and Tile Flange – Accepts
Ortronics® MAB6TJ TracJack and
MAB3S2 Series II adapters and
Wiremold CM Series inserts, sold
separately. Flanges are available in
five decorative colors: black, gray,
brass, nickel and bronze.
Country of Origin: China
828R-TCAL-BK
828R-TCAL-GY
828R-TCAL-BS
828R-TCAL-NK
828R-TCAL-BZ
Powder-Coated Aluminum
Duplex Cover Plate – Flip lids.
Can also be used with a
106 type communication adapter.
6.080"
(154.4mm)
5.060"
(128.5mm)
6.080"
(154.4mm)
9"
(229mm)
6.080"
(154.4mm)
13.81"
(335mm)
3.290"
(83.6mm)
4.310"
(109.5mm)
Country of Origin: China
829CKAL-1BK
829CKAL-1GY
829CKAL-1BS
829CKAL-1NK
829CKAL-1BZ
Powder-Coated Aluminum Cover
Plate – Power or communication
plate with 2" (51mm) and 1"
(25mm) plugs.Covers are available
in five decorative colors: black,
gray, brass, nickel and bronze.
Country of Origin: China
829CKAL-3/4BK
829CKAL-3/4GY
829CKAL-3/4BS
829CKAL-3/4NK
829CKAL-3/4BZ
Powder-Coated Aluminum Cover
Plate – Power or communication
plate with 2" (51mm) and 3/4"
(19.1mm) plugs. Covers are
available in five decorative colors:
black, gray, brass, nickel and
bronze.
Country of Origin: China
828MAAP
A/V Adapter Plate – Sheet metal
adapter plate that accepts two (2)
Extron
® Electronics MAAP style
device plates (sold separately). For
use with 828GFITC, 828GFITCAL
or 828PRGFI cover plates.
(Sold separately.)
3.290"
(83.6mm)
4.310"
(109.5mm)
3.290"
(83.6mm)
4.310"
(109.5mm)
3.290"
(83.6mm)
4.310"
(109.5mm)
NOTE: Brass covers and flanges are not interchangeable with aluminum or nonmetallic
covers and flanges. Nonmetallic covers are interchangeable with aluminum flanges.
All cover assemblies
for the Modulink 880MP
Series Floor Box have
TopGuard protection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com