Electronic Components Datasheet Search
  English  ▼

X  

AD4134BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD4134BCPZ
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD4134BCPZ Datasheet HTML 40Page - Analog Devices AD4134BCPZ Datasheet HTML 41Page - Analog Devices AD4134BCPZ Datasheet HTML 42Page - Analog Devices AD4134BCPZ Datasheet HTML 43Page - Analog Devices AD4134BCPZ Datasheet HTML 44Page - Analog Devices AD4134BCPZ Datasheet HTML 45Page - Analog Devices AD4134BCPZ Datasheet HTML 46Page - Analog Devices AD4134BCPZ Datasheet HTML 47Page - Analog Devices AD4134BCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
Data Sheet
AD4134
QUICK START GUIDE
analog.com
Rev. 0 | 44 of 92
The AD4134 offers users a multichannel platform measurement
solution for ac and dc signal processing. Flexible filtering allows
the AD4134 to be configured to simultaneously sample ac and
dc signals on a per channel basis. The ASRC allows users to
granularly set the output data rate controlling the input bandwidth
of the measurement. This ability, coupled with the flexibility of
the digital filter, allows the user to choose the right application
settings and meet latency, bandwidth, and performance targets.
Key capabilities that allow users to choose the AD4134 as their
platform high resolution ADC are highlighted as follows:
►
Four fully differential analog inputs
►
Fast throughput simultaneous sampling ADCs catering for input
signals up to 391.5 kHz
►
Two selectable power modes (high performance and low power)
for scaling the current consumption and input bandwidth of the
ADC to achieve optimal measurement efficiency
►
Wideband, low ripple, digital filter for ac measurement
►
Fast sinc3 filter for precision low frequency, low latency measure-
ment
►
Two ASRC modes (master mode and slave mode) allow user
flexibility in digital interface
►
Two antialias modes enabling the user to choose higher levels of
alias rejection
►
Choice of SPI or pin strapped configuration option
►
Offset, gain, and phase calibration registers per channel
►
Common-mode voltage output buffer to set the common-mode
voltage of the input
►
On-board 1.8 V LDO regulators for single-supply operation
Refer to Figure 87 and Table 20 for the typical connections and
minimum requirements to start using the AD4134.
Figure 87. Typical Connections Diagram
Table 20. Requirements to Operate the AD4134
Requirement
Description
Power Supplies
5 V AVDD5 and DVDD5 supply, 1.8 V − IOVDD, CLKVDD, AVDD1V8, and DVDD1V8 (LT8606, LT8607)
External Reference
4.096 V or 5 V (ADR444/ADR445)
Input Stage
AD8421, ADA4075-2, ADA4945-1, LTC6363, LTC6373
External Clock
Crystal or a CMOS/LVDS clock for the ADC modulator sampling
Field Programmable Gate Array (FPGA)
or Digital Signal Processor (DSP)
1.65 V to 1.95 V digital I/O level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com