Electronic Components Datasheet Search
  English  ▼

X  

AD4134BCPZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD4134BCPZ
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134BCPZ Datasheet(HTML) 2 Page - Analog Devices

  AD4134BCPZ Datasheet HTML 1Page - Analog Devices AD4134BCPZ Datasheet HTML 2Page - Analog Devices AD4134BCPZ Datasheet HTML 3Page - Analog Devices AD4134BCPZ Datasheet HTML 4Page - Analog Devices AD4134BCPZ Datasheet HTML 5Page - Analog Devices AD4134BCPZ Datasheet HTML 6Page - Analog Devices AD4134BCPZ Datasheet HTML 7Page - Analog Devices AD4134BCPZ Datasheet HTML 8Page - Analog Devices AD4134BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
Data Sheet
AD4134
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 92
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................3
Specifications........................................................ 4
Timing Specifications....................................... 10
Absolute Maximum Ratings.................................13
Thermal Resistance......................................... 13
ESD Caution.....................................................13
Pin Configuration and Function Descriptions...... 14
Typical Performance Characteristics................... 18
Terminology......................................................... 27
Theory of Operation.............................................29
Continuous Time Sigma-Delta Modulator........ 29
Easy to Drive Input and Reference ................. 29
Inherent Antialiasing Filter (AAF)..................... 30
Analog Front-End Design Simplification...........31
Noise Performance and Resolution.....................32
Circuit Information............................................... 36
Core Signal Chain............................................ 36
Analog Inputs................................................... 36
VCM Output......................................................36
Reference Input................................................37
Clock Input....................................................... 37
XCLKOUT Output.............................................37
Power Options..................................................38
Reset................................................................38
Asynchronous Sample Rate Converter............ 38
Digital Filters.....................................................41
Quick Start Guide................................................ 44
Standalone Mode............................................. 45
Low Latency Synchronous Data Acquisition.... 45
Device Control..................................................... 46
Pin Control Mode..............................................46
SPI Control Mode.............................................47
Multifunction Pins............................................. 47
Device Configuration........................................... 48
Programming Output Data Rate and Clock......48
Programming Digital Filter................................52
Programming Data Interface............................ 53
Power Modes................................................... 55
Inherent Antialiasing Filter Modes.................... 55
Dynamic Range Enhancement, Channel
Averaging...........................................................56
Calibration........................................................... 57
Offset Calibration..............................................57
Gain Calibration................................................57
Applications Information...................................... 58
Power Supply................................................... 58
Reference Noise Filtering.................................59
Multidevice Synchronization.............................60
Coherent Sampling...........................................60
Low Latency Digital Control Loop.....................60
Automatic Gain Control.................................... 60
Front-End Design Examples............................ 61
Digital Interface....................................................63
SPI....................................................................63
Data Interface...................................................65
Minimum I/O Mode........................................... 69
Diagnostics.......................................................... 70
Internal Fuse Integrity Check........................... 70
Analog Input Overrange................................... 71
MCLK Counter..................................................71
SPI Monitoring..................................................71
Memory Map Integrity Check........................... 71
ODR Input Frequency Check........................... 71
Digital Filter Overflow and Underflow............... 72
DCLK Error.......................................................72
GPIO Functionality.............................................. 73
Pin Error Reporting...........................................73
Register Map (SPI Control)................................. 74
Register Details................................................... 77
Outline Dimensions............................................. 92
Ordering Guide.................................................92
Evaluation Boards............................................ 92
REVISION HISTORY
11/2021—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com