Electronic Components Datasheet Search
  English  ▼

X  

AD4134BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD4134BCPZ
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD4134BCPZ Datasheet HTML 45Page - Analog Devices AD4134BCPZ Datasheet HTML 46Page - Analog Devices AD4134BCPZ Datasheet HTML 47Page - Analog Devices AD4134BCPZ Datasheet HTML 48Page - Analog Devices AD4134BCPZ Datasheet HTML 49Page - Analog Devices AD4134BCPZ Datasheet HTML 50Page - Analog Devices AD4134BCPZ Datasheet HTML 51Page - Analog Devices AD4134BCPZ Datasheet HTML 52Page - Analog Devices AD4134BCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
Data Sheet
AD4134
DEVICE CONFIGURATION
analog.com
Rev. 0 | 49 of 92
ASRC Master Mode
In ASRC master mode, the AD4134 device generates the output
data at a programmable decimation ratio. The user can program the
decimation ratio in both pin control and SPI control mode to achieve
the desired output date rate.
In pin control mode, the decimation rate is fixed as per the pre-
defined pin control options. Sixteen decimation ratio options are
available through the configuration of the DEC0/DCLKIO pin to
DEC3/SDO pin. The final ODR value also depends on the digital
filter type. Table 28 summarizes the ODR values available in master
mode.
In SPI control mode, the ODR is available at the full range
described in Table 19. The ODR can be programmed via the
ODR_VAL_INT, Bits[23:0] bits and ODR_VAL_FLT, Bits[31:0] bits
with a resolution of 0.01 SPS.
In Example 1, for an ODR to be 187.23 kSPS, calculate the
decimation rate as follows:
Decimation Rate = 24 MHz/187.23 kHz =
24 MHz/187.23 kHz = 128.1846 = 0x0000802F4103E5
Program ODR_VAL_INT, Bits[23:0] with 0x80.
Program ODR_VAL_FLT, Bits[31:0] with 0x2F4103E5.
In Example 2, for an ODR to be 375 kSPS, calculate the decimation
rate as follows:
Decimation Rate = 24 MHz/375 kHz = 64 = 0x00004000000000
Program ODR_VAL_INT, Bits[23:0] with 0x000040.
Program ODR_VAL_FLT, Bits[31:0] with 0x00000000.
Every time the ODR_VAL_INT, Bits[23:0] and ODR_VAL_FLT,
Bits[31:0] are changed, the MASTER_SLAVE_TX_BIT in the
TRANSFER_REGISTER must be set to update the ODR to the
new value.
The user has the flexibility to change the ODR value, but that
means a loss of data of about 2 µs plus the filter settling time. The 2
µs time, tDELAY, is constant across the ODR range. See Figure 89
for more details.
The SPI control mode also allows the user to set a differ-
ent ODR rate for each of the four ADC channels using the
ODR_RATE_SEL_CHx bits. The ODR options are limited to 1, ½,
¼, or ⅛ of the ODR frequency.
Table 28. Output Data Rate Configuration in Pin Control Master Mode
DEC3
DEC2
DEC1
DEC0
Wideband 0.433 × ODR Filter (kSPS)
Sinc6 Filter (kSPS)
Sinc3 Filter (kSPS)
0
0
0
0
374
1496
1496
0
0
0
1
325
1250
1000
0
0
1
0
285
1000
750
0
0
1
1
256
750
375
0
1
0
0
235
500
187.5
0
1
0
1
200
375
128
0
1
1
0
175
325
64
0
1
1
1
128
256
32
1
0
0
0
100
175
16
1
0
0
1
80
128
5
1
0
1
0
64
80
2.5
1
0
1
1
32
64
1.25
1
1
0
0
16
32
0.625
1
1
0
1
10
10
0.06
1
1
1
0
5
5
0.05
1
1
1
1
2.5
2.5
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com