Electronic Components Datasheet Search
  English  ▼

X  

ADR1399 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR1399
Description  Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1399 Datasheet(HTML) 4 Page - Analog Devices

  ADR1399 Datasheet HTML 1Page - Analog Devices ADR1399 Datasheet HTML 2Page - Analog Devices ADR1399 Datasheet HTML 3Page - Analog Devices ADR1399 Datasheet HTML 4Page - Analog Devices ADR1399 Datasheet HTML 5Page - Analog Devices ADR1399 Datasheet HTML 6Page - Analog Devices ADR1399 Datasheet HTML 7Page - Analog Devices ADR1399 Datasheet HTML 8Page - Analog Devices ADR1399 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
ADR1399
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 4 of 11
Table 3.
Parameter
Rating
Temperature Stabilizer
40 V
Reverse Breakdown Current
20 mA
Forward Current
1 mA
Reference to Substrate Voltage
–0.1 V
Temperature
Operating Range
0°C to 70°C
Storage Range
−65°C to +150°C
Lead, Soldering (10 sec)
300°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to the printed circuit board
(PCB) design and operating environment. Close attention to the
PCB thermal design is required.
To reduce heater power, avoid bringing ground planes close to the
device except on the bottom of the PCB, and use a mesh ground
instead of a solid plane. In addition, mounting the device at the
full height of its leads, approximately 1 cm above the PCB surface
reduces the heater power.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
TO-46
2-Layer JEDEC Board
220
Not
applicable1
°C/W
1 The TO-46 case is not accessible beneath the Valox enclosure.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com