Electronic Components Datasheet Search
  English  ▼

X  

ADR1399 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR1399
Description  Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1399 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR1399 Datasheet HTML 3Page - Analog Devices ADR1399 Datasheet HTML 4Page - Analog Devices ADR1399 Datasheet HTML 5Page - Analog Devices ADR1399 Datasheet HTML 6Page - Analog Devices ADR1399 Datasheet HTML 7Page - Analog Devices ADR1399 Datasheet HTML 8Page - Analog Devices ADR1399 Datasheet HTML 9Page - Analog Devices ADR1399 Datasheet HTML 10Page - Analog Devices ADR1399 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Data Sheet
ADR1399
OUTLINE DIMENSIONS
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 11 of 11
Figure 25. 4-Pin Metal Header Package [TO-46]
(05-08-1341)
Dimensions Shown in Inches (Millimeters), Side and Bottom Views
Figure 26. 4-Pin TO-46 Thermal Shield
Dimensions Shown in Inches
Updated: October 22, 2021
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADR1399KHZ
0°C to +70°C
4-Lead TO-46
Tube, 18
05-08-1341
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com