Electronic Components Datasheet Search
  English  ▼

X  

ADR1399 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR1399
Description  Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1399 Datasheet(HTML) 3 Page - Analog Devices

  ADR1399 Datasheet HTML 1Page - Analog Devices ADR1399 Datasheet HTML 2Page - Analog Devices ADR1399 Datasheet HTML 3Page - Analog Devices ADR1399 Datasheet HTML 4Page - Analog Devices ADR1399 Datasheet HTML 5Page - Analog Devices ADR1399 Datasheet HTML 6Page - Analog Devices ADR1399 Datasheet HTML 7Page - Analog Devices ADR1399 Datasheet HTML 8Page - Analog Devices ADR1399 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
ADR1399
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 11
ELECTRICAL CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ZENER REFERENCE VOLTAGE
VZ
3 mA ≤ reference current (IREF) ≤ 13 mA
6.75
7.05
7.30
V
CHANGE IN REFERENCE VOLTAGE WITH CURRENT ΔVZ
3 mA ≤ IREF ≤ 13 mA
0.4
0.8
mV
DYNAMIC IMPEDANCE
RZ
3 mA ≤ IREF ≤ 13 mA
0.04
0.08
Ω
TEMPERATURE COEFFICIENT
dV/dT
IREF = 3 mA, heater voltage (VH) = 30 V, TA = 0 to 70°C
0.2
11
ppm/°C
REFERENCE NOISE
eN p-p
IREF = 3 mA, 0.1 Hz < f < 10 Hz
0.2
ppm p-p
IREF = 3 mA, 0.1 Hz < f < 10 Hz
1.44
µV p-p
eN rms
10 Hz < f < 1 kHz
1.84
µV rms
eN
IREF = 3 mA
Frequency = 0.1 Hz
200
nV/√Hz
Frequency = 10 Hz
65
nV/√Hz
Frequency = 1 kHz
58
nV/√Hz
LONG-TERM STABILITY
dVZ /dt
VH = 30 V, 22°C ≤ TA ≤ 28°C, 1000 Hrs, IREF = 3 mA
7
ppm/√kHr
HEATER SUPPLY CURRENT, STILL AIR2
IH
TA = 25°C, VH = 30 V, IREF = 3 mA
8.5
15
mA
TA = –55°C
21
28
mA
HEATER START-UP CURRENT
IHS
VH = 9.5 V to 30 V
110
140
mA
HEATER SUPPLY VOLTAGE
VH
9.5
40
V
WARM-UP TIME
tHOT
To ±0.05%, VH = 30 V
0.1
sec
To ±20 ppm
1
sec
To ±10 ppm
5
sec
1 Guarantee by design, not 100% production tested.
2 Guarantee correlated to moving air production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com