Electronic Components Datasheet Search
  English  ▼

X  

ATA8710 Datasheet(PDF) 2 Page - Microchip Technology

Part # ATA8710
Description  Sub-GHz ASK/FSK RF Transmitter with Integrated MCU and 20 Kbytes Flash Program Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA8710 Datasheet(HTML) 2 Page - Microchip Technology

  ATA8710 Datasheet HTML 1Page - Microchip Technology ATA8710 Datasheet HTML 2Page - Microchip Technology ATA8710 Datasheet HTML 3Page - Microchip Technology ATA8710 Datasheet HTML 4Page - Microchip Technology ATA8710 Datasheet HTML 5Page - Microchip Technology ATA8710 Datasheet HTML 6Page - Microchip Technology ATA8710 Datasheet HTML 7Page - Microchip Technology ATA8710 Datasheet HTML 8Page - Microchip Technology ATA8710 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
– Three service configurations are in EEPROM
– Two service configurations are located in SRAM and can be modified via SPI or embedded application
software
• Programmable Clock Output Derived from Crystal Frequency
• 1024-byte EEPROM Data Memory for Transmitter Configuration
• SPI Interface for TX Data Access and Transmitter Configuration
• 500-Kbit SPI Data Rate for Short Periods on SPI Bus and Host Controller
• Configurable EVENT Signal Indicates the Status of the IC to an External Microcontroller
• Automatic Antenna Tuning At TX Center Frequency for Loop Antenna
• Power-up (Typical 1.5 ms OFFMode -> TXMode)
• Non-byte Aligned Data Transmission
• Software Customization
• Antenna Diversity with an Internal SPDT Switch
• Supply Voltage Range: 1.9V to 3.6V
• Temperature Range: -40°C to +85°C
• ESD Protection at All Pins (±4 kV HBM, ±200V MM, ±750V FCDM)
• Small 5x5 mm QFN32 Package with 0.5 mm Pitch
• Suitable for Applications Governed by EN 300 220 and FCC Part 15, Title 47, such as:
– Remote control system
– Home and building automation
– Wireless sensor networks
– Weather stations
– Battery-operated remote controls
– Smoke detectors
– Wireless alarm and security systems
ATA8710
© 2021 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS70005477A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com