Electronic Components Datasheet Search
  English  ▼

X  

ATA8710 Datasheet(PDF) 21 Page - Microchip Technology

Part # ATA8710
Description  Sub-GHz ASK/FSK RF Transmitter with Integrated MCU and 20 Kbytes Flash Program Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA8710 Datasheet(HTML) 21 Page - Microchip Technology

Back Button ATA8710 Datasheet HTML 17Page - Microchip Technology ATA8710 Datasheet HTML 18Page - Microchip Technology ATA8710 Datasheet HTML 19Page - Microchip Technology ATA8710 Datasheet HTML 20Page - Microchip Technology ATA8710 Datasheet HTML 21Page - Microchip Technology ATA8710 Datasheet HTML 22Page - Microchip Technology ATA8710 Datasheet HTML 23Page - Microchip Technology ATA8710 Datasheet HTML 24Page - Microchip Technology ATA8710 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
5.
Electrical Characteristics
5.1
Absolute Maximum Ratings
Table 5-1. Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Unit
Junction temperature
Tj
—
+150
°C
Storage temperature
Tstg
-55
+125
°C
Ambient temperature
Tamb
-40
+85
°C
Supply voltage
VVS
-0.3
4.0
V
Supply voltage PA (1.9-3.6V application)
VVS_PA
-0.3
4.0
V
ESD (Human Body Model) all pins
HBM
-4
+4
kV
ESD (Machine Model) all pins
MM
-200
+200
V
ESD (Field-Induced Charged-Device Model) all
pins
FCDM
-750
+750
V
Maximum RF amplitude at pin 5 (ANT_TUNE)(1)
ANTTUNE
—
4.0
Vp
Maximum peak voltage at pin 4 (SPDT_ANT)(1)
SPDTANT
-0.3
VS + 0.3
V
Maximum peak voltage at pin 3 (SPDT_OUT1)(1)
SPDTOUT1
-0.3
VS + 0.3
V
Maximum peak voltage at pin 6 (SPDT_OUT2)(1)
SPDTOUT2
-0.3
VS + 0.3
V
Note: 
1.
Customer application needs to be adequately designed.
CAUTION
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
5.2
Thermal Resistance
Table 5-2. Thermal Resistance
Parameters
Symbol
Value
Unit
Thermal Resistance, Junction Ambient, Soldered
according to JEDEC
Rth_JA
35
K/W
ATA8710
Electrical Characteristics
© 2021 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS70005477A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com