| Electronic Components Datasheet Search |
|
ATA8710 Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATA8710 Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 39 page ![]() 3.1.2 Supported Telegrams 3.1.2.1 Telegram Structure The ATA8710 supports the transmission of a wide variety of telegrams and protocols. Generally, no special structure is required for a telegram to be transmitted by the ATA8710. However, designated hardware and software features are built-in for the blocks depicted in the following figure. Therefore, using this structure or parts of it can increase the robustness of the broadcast. Figure 3-2. Telegram Structure Desync Preamble Data Payload Checksum Stop Sequence Desync: The de-synchronization (Desync) is usually a coding violation with a length of several symbols that should provoke a defined restart of the receiver. The use of a de-synchronization leads to more deterministic receiver behavior, reducing the required preamble length, which can be favorable in timing-critical and energy-critical applications. Preamble: The preamble is a pattern sent before the actual data payload to synchronize the receiver and provide the starting point of the payload. A very regular pattern (for example, 1-0-1-0...) is recommended for synchronization (“wake-up pattern, WUP”) while a unique, well-defined pattern of up to 32 symbols is required to mark the start of the data payload (“start frame identifier, SFID” or “start bit”). The WUP is also called a pre-burst. In polling scenarios, the WUP can be tens or hundreds of ms long. Data Payload: The data payload contains the actual information content of the telegram. It can be NRZ or Manchester-coded. The length of the payload is application-dependent, typically 1-64 bytes. Checksum: A checksum can be calculated across the data payload to verify that the correct data is received. A typical example is an 8-bit CRC checksum. Up to 255 data bits at the beginning of the payload can be excluded from the CRC calculation. Stop Sequence: The stop sequence is a short data pattern (typically 2 to 6 symbols) to mark the end of the telegram. A coding violation can prevent additional (non-deterministic) data from being received. 3.1.2.2 NRZ and Manchester Coding In this document: • Data bit – Represents the smallest unit of binary data being communicated • Data bit rate – The rate at which data bits change value • Symbols – Sub-unit of binary data bit. Used when multiple symbols define a data bit • Symbol rate – The rate at which symbols change value The ATA8710 supports the following coding methods: • Manchester coding – Implements two symbols per data bit. A symbol transition from ‘0’ to ‘1’ is defined as a ‘1’ data bit, and a symbol transition from ‘1’ to ‘0’ is defined as a ‘0’ data bit when following the Manchester coding convention specified in IEEE 802.3. For more details, see the following figure. • Non-return-to-zero (NRZ) coding – Is a straightforward implementation, that is, one symbol represents one bit. ATA8710 System Functional Description © 2021 Microchip Technology Inc. and its subsidiaries Advance Information Datasheet DS70005477A-page 13 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |