Electronic Components Datasheet Search
  English  ▼

X  

0916604 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0916604
Description  Thermomagnetic device circuit breaker - UT 6-TMC M 1A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0916604 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0916604 Datasheet HTML 1Page - PHOENIX CONTACT 0916604 Datasheet HTML 2Page - PHOENIX CONTACT 0916604 Datasheet HTML 3Page - PHOENIX CONTACT 0916604 Datasheet HTML 4Page - PHOENIX CONTACT 0916604 Datasheet HTML 5Page - PHOENIX CONTACT 0916604 Datasheet HTML 6Page - PHOENIX CONTACT 0916604 Datasheet HTML 7Page - PHOENIX CONTACT 0916604 Datasheet HTML 8Page - PHOENIX CONTACT 0916604 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
https://www.phoenixcontact.com/pi/products/0916604
09/11/2020   Page 3 / 9
Thermomagnetic device circuit breaker - UT 6-TMC M 1A - 0916604
Technical data
Connection data
2 conductors with same cross section, solid max.
2.5 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
2.5 mm²
Two conductors with the same cross section stranded, with ferrule and
without plastic sleeve, minimum
0.25 mm²
Two conductors with the same cross section stranded, with ferrule and
without plastic sleeve, maximum
1.5 mm²
Two conductors with the same cross section, flexible, with TWIN
ferrules, with plastic sleeve, minimum
0.5 mm²
Two conductors with the same cross section, flexible, with TWIN
ferrules, with plastic sleeve, maximum
4 mm²
Connection method
Screw connection
Stripping length
12 mm
Screw thread
M4
Tightening torque, min
1.5 Nm
Tightening torque max
1.8 Nm
Standards and Regulations
Standards/specifications
EN 60934
UL 1077
CSA 22.2 No. 235
EAC
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com