Electronic Components Datasheet Search
  English  ▼

X  

0916604 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 0916604
Description  Thermomagnetic device circuit breaker - UT 6-TMC M 1A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0916604 Datasheet(HTML) 8 Page - PHOENIX CONTACT

  0916604 Datasheet HTML 1Page - PHOENIX CONTACT 0916604 Datasheet HTML 2Page - PHOENIX CONTACT 0916604 Datasheet HTML 3Page - PHOENIX CONTACT 0916604 Datasheet HTML 4Page - PHOENIX CONTACT 0916604 Datasheet HTML 5Page - PHOENIX CONTACT 0916604 Datasheet HTML 6Page - PHOENIX CONTACT 0916604 Datasheet HTML 7Page - PHOENIX CONTACT 0916604 Datasheet HTML 8Page - PHOENIX CONTACT 0916604 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
https://www.phoenixcontact.com/pi/products/0916604
09/11/2020   Page 8 / 9
Thermomagnetic device circuit breaker - UT 6-TMC M 1A - 0916604
Accessories
Plug-in bridge - FBS 4-6 - 3030255
Plug-in bridge, pitch: 6.2 mm, width: 23.1 mm, number of positions: 4, color: red
 
 
Plug-in bridge - FBS 5-6 - 3030349
Plug-in bridge, pitch: 6.2 mm, width: 29.3 mm, number of positions: 5, color: red
 
 
Plug-in bridge - FBS 10-6 - 3030271
Plug-in bridge, pitch: 6.2 mm, width: 60.3 mm, number of positions: 10, color: red
 
 
Plug-in bridge - FBS 20-6 - 3030365
Plug-in bridge, pitch: 6.2 mm, width: 122.3 mm, number of positions: 20, color: red
 
 
Screwdriver tools
Screwdriver - SZS 1,0X4,0 VDE - 1205066
Screwdriver, slot-headed, VDE insulated, size: 1.0 x 4.0 x 100 mm, 2-component grip, with non-slip grip
 
 
Terminal marking



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com