Electronic Components Datasheet Search
  English  ▼

X  

0916604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0916604
Description  Thermomagnetic device circuit breaker - UT 6-TMC M 1A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0916604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0916604 Datasheet HTML 1Page - PHOENIX CONTACT 0916604 Datasheet HTML 2Page - PHOENIX CONTACT 0916604 Datasheet HTML 3Page - PHOENIX CONTACT 0916604 Datasheet HTML 4Page - PHOENIX CONTACT 0916604 Datasheet HTML 5Page - PHOENIX CONTACT 0916604 Datasheet HTML 6Page - PHOENIX CONTACT 0916604 Datasheet HTML 7Page - PHOENIX CONTACT 0916604 Datasheet HTML 8Page - PHOENIX CONTACT 0916604 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/pi/products/0916604
09/11/2020   Page 1 / 9
Thermomagnetic device circuit breaker - UT 6-TMC M 1A - 0916604
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Thermomagnetic circuit breaker, 1-pos., for DIN rail mounting
Your advantages
 Simple feed-in due to bridging capability
using CLIPLINE complete accessories
 High system availability, thanks to easy resetting
 Quick and easy identification with large-area marking options
 The right device for every application, thanks to a nominal current range of 0.5 to 16 A
 Space savings of 30 % compared to miniature circuit breakers owing to the compact width of 12.3 mm
Key Commercial Data
Packing unit
6 pc
GTIN
GTIN
4046356449007
Technical data
General
Number of levels
1
Number of connections
2
Mounting type
DIN rail: 35 mm
Color
gray
Number of positions
1
Overvoltage category
II
Insulating material
PA66
Flammability rating according to UL 94
V0
Electrical data
Fuse type
Automatic device


Similar Part No. - 0916604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0916604 PHOENIX-0916604 Datasheet
157Kb / 5P
Thermomagnetic circuit breakers
2010-08-18
More results

Similar Description - 0916604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0916610 PHOENIX-0916610 Datasheet
159Kb / 9P
Thermomagnetic device circuit breaker - UT 6-TMC M 10A
09/11/2020
0916613 PHOENIX-0916613 Datasheet
155Kb / 9P
Thermomagnetic device circuit breaker - UT 6-TMC M 16A
09/11/2020
0902043 PHOENIX-0902043 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 03A
01.06.2012
0902069 PHOENIX-0902069 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 06A
05.10.2012
0902108 PHOENIX-0902108 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 20A
05.10.2012
0902137 PHOENIX-0902137 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 40A
04.10.2012
0902263 PHOENIX-0902263 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 25A
04.10.2012
0902289 PHOENIX-0902289 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 40A
01.06.2012
0902357 PHOENIX-0902357 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 04A
01.06.2012
0902412 PHOENIX-0902412 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 25A
01.06.2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com