Electronic Components Datasheet Search
  English  ▼

X  

ISO6763FDWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6763FDWR
Description  ISO6760L Six-Channel Reinforced Digital Isolators with Integrated Interlock and Robust EMC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6763FDWR Datasheet(HTML) 3 Page - Texas Instruments

  ISO6763FDWR Datasheet HTML 1Page - Texas Instruments ISO6763FDWR Datasheet HTML 2Page - Texas Instruments ISO6763FDWR Datasheet HTML 3Page - Texas Instruments ISO6763FDWR Datasheet HTML 4Page - Texas Instruments ISO6763FDWR Datasheet HTML 5Page - Texas Instruments ISO6763FDWR Datasheet HTML 6Page - Texas Instruments ISO6763FDWR Datasheet HTML 7Page - Texas Instruments ISO6763FDWR Datasheet HTML 8Page - Texas Instruments ISO6763FDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
5 Pin Configuration and Functions
1
VCC1
16
VCC2
2
15
3
INA_H
14
OUTA_H
4
INA_L
13
OUTA_L
5
INB_H
12
OUTB_H
6
INB_L
11
OUTB_L
10
8
GND1
9
GND2
Not to scale
7
INC_H
INC_L
OUTC_H
OUTC_L
Figure 5-1. ISO6760L DW Package 16-Pin SOIC-WB Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
ISO6760L
GND1
8
—
Ground connection for VCC1
GND2
9
—
Ground connection for VCC2
INA_H
2
I
Input, channel A_H (Interlock paired with channel A_L)
INA_L
3
I
Input, channel A_L (Interlock paired with channel A_H)
INB_H
4
I
Input, channel B_H (Interlock paired with channel B_L)
INB_L
5
I
Input, channel B_L (Interlock paired with channel B_H)
INC_H
6
I
Input, channel C_H (Interlock paired with channel C_L)
INC_L
7
I
Input, channel C_L (Interlock paired with channel C_H)
OUTA_H
15
O
Output, channel A_H (Interlock paired with channel A_L)
OUTA_L
14
O
Output, channel A_L (Interlock paired with channel A_H)
OUTB_H
13
O
Output, channel B_H (Interlock paired with channel B_L)
OUTB_L
12
O
Output, channel B_L (Interlock paired with channel B_H)
OUTC_H
11
O
Output, channel C_H (Interlock paired with channel C_L)
OUTC_L
10
O
Output, channel C_L (Interlock paired with channel C_H)
VCC1
1
—
Power supply, side 1
VCC2
16
—
Power supply, side 2
www.ti.com
ISO6760L
SLLSFO3 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO6760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com